Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBSG111BAEVB Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NBSG111BAEVB
Description  Evaluation Board Manual for NBSG111
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NBSG111BAEVB Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NBSG111BAEVB
http://onsemi.com
4
Setup for Frequency Domain Measurements
Table 2. Basic Equipment
Description
Example Equipment (Note 3)
Qty.
Power Supply with 2 outputs
HP 6624A
1
Vector Network Analyzer (VNA)
R&S ZVK (10 MHz to 40 GHz)
1
180
° Hybrid Coupler
Krytar Model #4010180
1
Bias Tee with 50
W Resistor Termination
Picosecond Model #5542−219
1
Matched high speed cables with SMA connectors
Storm, Semflex
3
Power Supply cables with clips
3
3. Equipment used to generate example measurements.
Setup
Connect Power
Step 1:
1a: Three power levels must be provided to the board for VCC, VEE, and GND via the sur-
face mount clips. Using the split power supply mode, GND = VTT = VCC – 2.0 V.
Power Supply Connections
3.3 V Setup
2.5 V Setup
VCC = 2.0 V
VCC = 2.0 V
VTT = GND
VTT = GND
VEE = −1.3 V
VEE = −0.5 V
NOTE:
For frequency domain measurements, 2.5 V power supply is not recommended because
additional equipment (bias tee, etc.) is needed for proper operation. The input signal has to be
properly offset to meet VIHCMR range of the device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL
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
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn