Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBSG111BAEVB Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NBSG111BAEVB
Description  Evaluation Board Manual for NBSG111
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NBSG111BAEVB Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NBSG111BAEVB
http://onsemi.com
5
Setup Test Configurations For Differential Operation
Small Signal Setup
Step 2:
Input Setup
2a: Calibrate VNA from 1 0 GHz to 12 GHz
Step 2:
2a: Calibrate VNA from 1.0 GHz to 12 GHz.
2b: Set input level to –35 dBm at the output of the 180
° Hybrid coupler (input of the DUT).
St
3
Output Setup
Step 3:
Output Setup
3a: Set display to measure S21 and record data.
Large Signal Setup
Step 2:
Input Setup
2a: Calibrate VNA from 1 0 GHz to 12 GHz
Step 2:
2a: Calibrate VNA from 1.0 GHz to 12 GHz.
2b: Set input levels to −2.0 dBm (500 mV) at the input of DUT.
Step 3:
Output Setup
3a: Set display to measure S21 and record data.
CLK0
CLK0
VCC = 2.0 V
VCC
VEE
Q0
Q9
Q9
Q0
VEE = −1.3 V (3.3 V op)
VTT = 0 V
GND
VTT = 0 V
GND
SEL
EN
EN
SEL
Vector Network Analyzer
Figure 4. NBSG111 Board Setup – Frequency Domain (Differential Mode)
50
W
180
5 Hybrid
Coupler
GND
GND
50
W
Bias T
50
W
GND
PORT 2
PORT 1
GND
50
W
GND
50
W
VCC
Float
VCC
Float
* Q0 − Q9 Outputs
NOTE:
All differential cable pairs
must be matched.
Due to simplifcation of the block diagram CLK1/CLK1 and Q1 − Q8 connections are not shown.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL
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
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn