Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC1650 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MC1650
Description  DUAL A/D CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC1650 Datasheet(HTML) 5 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC1650 MC1651
MOTOROLA
MECL Data
DL122 — Rev 6
4–338
FIGURE 1 — SWITCHING TIME TEST CIRCUIT @ 25
°C
Vin to Channel A
VR1, VR2, VR3
P1
P2
P3
VX
P4
+
VCC =
+ 7.0 Vdc
VXX =
+ 2.0 Vdc
Vout to
Channel B
0.1
µF
0.1
µF
10
7 1
16
VEE
0.1
µF
VEE =
–3.2 Vdc
VCC Gnd
D
Q
Q
C
D
Q
C
Q
Note: All power supply and logic levels are shown shifted 2.0 volts positive.
50 ohm termination to ground located in each scope channel input.
All input and output cables to the scope are equal lengths of 50 ohm coaxial cable.
+
V — INPUT TO OUTPUT
CLOCK TO OUTPUT
Vin
Q
50%
tpd
50%
tpd
90%
t+
10%
50%
t –
VIH
VR
VIL
Test pulses: t +, t – = 1.5 ± 0.2 ns (10% to 90%)
f = 5.0 MHz
50% Duty Cycle
P1
Vin
30 ns
P4
C
Q
50%
tpd
50%
40 ns
50%
30 ns
30 ns
40 ns
30 ns
tpd
+0.31 V
+1.11 V
VIH + 2.1 V
VR + 2.0 V
VIL + 1.9 V
P4: t +, t – = 1.5 ± 0.2 ns.
FIGURE 2 — SWITCHING AND PROPAGATION WAVEFORMS @ 25
°C
The pulse levels shown are used to check ac parameters
over the full common-mode range.
Coax
P1
P2
P3
TEST PULSE LEVELS
VIL
VR
VIH
MC1650
MC1651
MC1650
MC1651
MC1650
MC1651
+2.1 V
+2.1 V
+5.0 V
+4.5 V
–0.3 V
–0.8 V
+2.0 V
+2.0 V
+4.9 V
+4.4 V
–0.4 V
–0.9 V
+1.9 V
+1.9 V
+4.8 V
+4.3 V
–0.5 V
–1.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MUBW30-06A7Converter - Brake - Inverter Module CBI2 1 2 3 4 5 MoreIXYS Corporation
HMC581LP6HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
BI3101ADUAL RWM CCFL CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
ZXMP6A17DN8DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn