Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC1650 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC1650
Description  DUAL A/D CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC1650 Datasheet(HTML) 4 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC1650 MC1651
4–337
MOTOROLA
MECL Data
DL122 — Rev 6
MC1651 Inputs
VCC
7, 10
Gnd
1
Gnd
16
A
B
C
2 Q
3 Q
4
Clock
RP
8 VEE
D
E
(Both Devices)
A
B
C
D
E
V1 6
V2 5
MC1650 Inputs
A
B
C
V1 6
V2 5
D
E
CIRCUIT SCHEMATIC
1/2 of Device Shown
SWITCHING TEST VOLTAGE VALUES
@Test
(Volts)
@Test
Temperature
VR1
VR2
VR3
VX
VXX
VCC1
VEE1
–30
°C
+2.0
SN
4
+1.04
+2.0
+7.0
–3.2
+25
°C
+2.0
See Note 4
+1.11
+2.0
+7.0
–3.2
+85
°C
+2.0
+1.19
+2.0
+7.0
–3.2
Ch
i i
Sb l
–30
°C
+25
°C
+85
°C
Ui
Conditions
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Conditions
(See Figures 1–3)
Switching Times
Propagation Delay
(50% to 50%) V-Input
tpd
2.0
5.0
2.0
5.0
2.0
5.7
ns
VR1 to V2, VX to Clock, P1 to V1, or,
VR2 to V2, VX to Clock, P2 to V1, or,
VR3 to V2, VX to Clock, P3 to V1.
Clock2
2.0
4.7
2.0
4.7
2.0
5.2
VR1 to V2, P1 to V1 and P4 to Clock,
or, VR1 to V1, P1 to V2 and P4 to Clock.
Clock Enable3
tsetup
2.5
ns
VR1 to V2 P1 to V1 P4 to Clock
Clock Aperture3
tap
1.5
ns
VR1 to V2, P1 to V1, P4 to Clock
Rise Time (10% to 90%)
t +
1.0
3.5
1.0
3.5
1.0
3.8
ns
VR to V2 VX to Clock P1 to V1
Fall Time (10% to 90%)
t –
1.0
3.0
1.0
3.0
1.0
3.3
ns
VR to V2, VX to Clock, P1 to V1.
NOTES:
1. Maximum Power Supply Voltages (beyond which device life
may be impaired:
VCC + VEE q 12 Vdc.
2. Unused clock inputs may be tied to ground.
3. See Figure 3.
All Temperatures
VR2
MC1650
+4.9
MC1651
+4.4
VR3
–0.4
–0.9
4.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MUBW30-06A7Converter - Brake - Inverter Module CBI2 1 2 3 4 5 MoreIXYS Corporation
HMC581LP6HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
BI3101ADUAL RWM CCFL CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
ZXMP6A17DN8DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn