Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATR0841 Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. ATR0841
Description  4-channel Laser Driver with 2 Outputs, 3 LVDS Inputs and Internal Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0841 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR0841 Datasheet HTML 1Page - ATMEL Corporation ATR0841 Datasheet HTML 2Page - ATMEL Corporation ATR0841 Datasheet HTML 3Page - ATMEL Corporation ATR0841 Datasheet HTML 4Page - ATMEL Corporation ATR0841 Datasheet HTML 5Page - ATMEL Corporation ATR0841 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ATR0841
4818AS–DVD–09/04
Pin Configuration
Figure 2. Pinning QFN24
RFB
RFA
E2
NE2
E3
NE3
IOUTA
GND
RSA
RSB
IOUTB
SELA
24 23 22 21 20 19
7 8
9 10 11 12
18
17
16
15
14
13
1
2
3
4
5
6
Pin Description
Pin
Symbol
Type
Function
1
RFB
Analog
External resistor to ground sets frequency of oscillator B
2
RFA
Analog
External resistor to ground sets frequency of oscillator A
3
E2
Digital
+LVDS control of channel 2
4
NE2
Digital
-LVDS control of channel 2
5
E3
Digital
+LVDS control of channel 3
6
NE3
Digital
-LVDS control of channel 3
7
E4
Digital
+LVDS control of channel 4
8
NE4
Digital
-LVDS control of channel 4
9
ENOSC
Digital
Enables RF oscillator (high active)
10
ENABLE
Digital
Enables output current (high active)
11
VCC
Supply
+5 V power supply
12
VCC
Supply
+5 V power supply
13
SELA
Digital
High: selects IOUTA, RSA, RFA
Low: selects IOUTB, RSB, RFB
14
IOUTB
Analog
Output current source B for laser diode
15
RSB
Analog
External resistor to ground sets swing of oscillator B
16
RSA
Analog
External resistor to ground sets swing of oscillator A
17
GND
Supply
Ground
18
IOUTA
Analog
Output current source A for laser diode
19
VCC
Supply
+5 V power supply
20
VCC
Supply
+5 V power supply
21
IR
Analog
Reference current input read channel (input impedance 500
Ω to ground)
22
I2
Analog
Reference current input channel 2 (input impedance 500
Ω to ground
23
I3
Analog
Reference current input channel 3 (input impedance 500
Ω to ground)
24
I4
Analog
Reference current input channel 4 (input impedance 500
Ω to ground)
Paddle
GND
Supply
Ground


Similar Part No. - ATR0841

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATR0849 ATMEL-ATR0849 Datasheet
172Kb / 6P
   4-Channel LVDS Laser Driver for Dual-layer Application
ATR0849-PFQG ATMEL-ATR0849-PFQG Datasheet
172Kb / 6P
   4-Channel LVDS Laser Driver for Dual-layer Application
More results

Similar Description - ATR0841

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
   3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
   3-channel Laser Driver with RF Oscillator and 2 Outputs
Integrated Device Technology
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
ON Semiconductor
ON Semiconductor
NB7L11M ONSEMI-NB7L11M_16 Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
ATMEL Corporation
ATMEL Corporation
T0800 ATMEL-T0800 Datasheet
290Kb / 14P
   5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
Micrel Semiconductor
Micrel Semiconductor
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz