Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86L7103ZEM Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86L7103ZEM
Description  ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7103ZEM Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86L7103ZEM Datasheet HTML 1Page - Zilog, Inc. Z86L7103ZEM Datasheet HTML 2Page - Zilog, Inc. Z86L7103ZEM Datasheet HTML 3Page - Zilog, Inc. Z86L7103ZEM Datasheet HTML 4Page - Zilog, Inc. Z86L7103ZEM Datasheet HTML 5Page - Zilog, Inc. Z86L7103ZEM Datasheet HTML 6Page - Zilog, Inc. Z86L7103ZEM Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
In-Circuit Emulator-L71
Zilog
4
CP97LVO2100
LIMITATIONS
1.
Switching ICEBOX™ emulators without quitting the
GUI is not supported and may cause unexpected
results.
2.
The maximum loadable symbols is 32,768, provided
there is enough system resource (memory).
3.
Although GUI 3.00 and later support baud rates up to
57.6K baud, the actual maximum usable rate may be
less due to limitations of the user’s hardware or
system software setup. The maximum usable rate is
determined by the user’s tolerance of the frequency of
communication errors.
4.
Do not put a breakpoint at addresses after STOP
instruction. This will cause the program counter to
continue at that location after a Stop-Mode Recovery.
5.
Single-stepping into the Halt instruction will cause an
ICEBOX “Fatal Error” message to be displayed on the
screen. The ICE chip must be reset, either by /Reset
pin on the target board or by resetting the whole
ICEBOX by pressing the emulator MASTER RESET
button at the back of the emulator.
6.
Clicking on the HALT button does not always halt the
ICEBOX execution. If the application goes into Stop
Mode or Halt Mode, the only way to halt the emulator
execution is by doing a Stop-Mode Recovery (as
defined by the user program). You may also reset the
application using the emulator MASTER RESET
button; however, this will reset the whole ICEBOX.
7.
RC oscillator emulation is not supported.
8.
Since the emulator uses the Z86C50 ICE chip, Port 1
cannot be configured to Low EMI mode. Bit 4 in PCON
registers must be set to logic “1”.
Note: This is not a problem with the actual emulated
device.
9.
When the software enters a STOP mode and the
HALT control button in the GUI software is pressed,
any SMR source on the application board is activated.
The emulator will then jump back to address 000C,
which is normal. But when continuing the program with
a GO command from 000C, a POR reset is performed,
resetting all control registers.
A workaround is to do a JUMP 000D and execute with
GO. This will not issue a POR reset.
10. Port 1 can only be written. The data in Port 1 cannot
be read from Port1 directly, but it can be read from
Register %03 in Expanded Register Group D.
11. The L71 ICEBOX uses the Z86C50 ICE Chip;
therefore, emulation at more than 12 MHz requires
that the Expanded Register file timing of the ICE Chip
be slowed to SCLK x 2. This is accomplished by
loading value %01 to ICECON Register (Bank F,
Register A) of the ICE Chip.
Example:
PRECAUTIONS
ALL Devices
1.
GUI software versions prior to 3.00 are incompatible
with hardware containing BOOTROM 3.00. The GUI
software may still boot, but will fail at some later point.
2.
For some 386 PCs, a baud rate of 19.2K or less is
necessary because the Windows' communication
driver does not guarantee “reliable” operation above
9600 baud. On some slower 386 machines, selecting
a
high
baud
rate
might
crash
the
Windows'
environment or result in excessive communication
errors.
3.
When simultaneously running two different GUI
versions on two different Communication Ports, the
former executed version is used for both emulators.
This is a Windows Operating System bug.
4.
The emulator cannot be operated while performing
ESD/EMI testing on the target board.
5.
Executing GUI. The GUI will occasionally continue to
indicate “Executing” after a Halt instruction. Pushing
the GO button will then result in Executing. (Executing
showing at the top of the screen.)
6.
Ensure that the target cable is correctly aligned (pin-1
to pin-1) before inserting into the target system.
Incorrect alignment may damage the emulator and/or
the target system.
7.
All Z8 control registers are Write-Only unless stated
otherwise.
PUSH
RP
LD
RP,#%0F
LD
%A,#%01
POP
RP


Similar Part No. - Z86L7103ZEM

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L71 ZILOG-Z86L71 Datasheet
349Kb / 61P
   IR/Low-Voltage Microcontroller
More results

Similar Description - Z86L7103ZEM

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8917500ZEM ZILOG-Z8917500ZEM Datasheet
16Kb / 4P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR - 175
Z86K1500ZEM ZILOG-Z86K1500ZEM Datasheet
14Kb / 3P
   KEYBOARD FAMILY ICEBOX IN-CIRCUIT EMULATOR
Z89C6501ZEM ZILOG-Z89C6501ZEM Datasheet
34Kb / 6P
   ICEBOX FAMILY Z8 IN-CIRCUIT EMULATOR -C65
Z8611600ZEM ZILOG-Z8611600ZEM Datasheet
212Kb / 5P
   ICEBOX FAMILY Z8 IN-CIRCUIT EMULATOR - 116
logo
Renesas Technology Corp
QB-RL78L1C RENESAS-QB-RL78L1C Datasheet
1,014Kb / 42P
   In-Circuit Emulator
logo
Zilog, Inc.
Z86L98ZEM ZILOG-Z86L98ZEM Datasheet
140Kb / 10P
   Z8 In-Circuit Emulator
Z86L99ZEM ZILOG-Z86L99ZEM Datasheet
122Kb / 8P
   Z8 In-Circuit Emulator
logo
EM Microelectronic - MA...
EME66XX EMMICRO-EME66XX Datasheet
136Kb / 24P
   IN-CIRCUIT EMULATOR HARDWARE DESCRIPTION
logo
Renesas Technology Corp
HS0005KCU11H RENESAS-HS0005KCU11H Datasheet
1Mb / 56P
   SuperH??Family E10A-USB Emulator
logo
Zilog, Inc.
Z86L9900100ZEM ZILOG-Z86L9900100ZEM Datasheet
1Mb / 70P
   ICEBOX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com