Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR285803 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZR285803
Description  PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR285803 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZR285803 Datasheet HTML 1Page - Zetex Semiconductors ZR285803 Datasheet HTML 2Page - Zetex Semiconductors ZR285803 Datasheet HTML 3Page - Zetex Semiconductors ZR285803 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHEMATIC DIAGRAM
PRECISION 2.5 VOLT MICROPOWER
VOLTAGE REFERENCE
ISSUE 5 – FEBRUARY 1998
DEVICE DESCRIPTION
The ZR285 uses a bandgap circuit
d e s i gn to achieve a precisi o n
micropower voltage reference of 2.5
volts. The device is available in small
outline surface mount packages, ideal
for applications where space saving is
important, as well as packages for
through hole requirements.
The ZR285 design provides a stable
voltage without an external capacitor
and is stable with capacitive loads. The
ZR285 is recommended for operation
between 20
µA and 20mA and so is
ideally suited to low power and battery
powered applications.
Excellent performance is maintained to
an absolute maximum of 30mA,
however the rugged design and 20 volt
processing allows the reference to
wi t h st an d trans i e nt effects and
currents up to 200mA. Superior
switching capability allows the device
to reach stable operating conditions in
only a few microseconds.
FEATURES
Small outline SOT23 and SO8 packages
TO92 style packages
No stabilising capacitor required
Low knee current, 15µA typical
Typical TC 30ppm/°C
Typical slope resistance 0.4Ω
± 3%, 2% and 1% tolerance
Industrial temperature range
Operating current 20µA to 20mA
APPLICATIONS
Battery powered and portable equipment.
Metering and measurement systems.
Instrumentation.
Test equipment.
Data acquisition systems.
Precision power supplies.
V
R
G
nd
ZR285-2.5
4-165


Similar Part No. - ZR285803

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR285 DIODES-ZR285 Datasheet
97Kb / 5P
   PRECISION 2.5V MICROPOWER VOLTAGE REFERNCE
ZR285F01TA DIODES-ZR285F01TA Datasheet
97Kb / 5P
   PRECISION 2.5V MICROPOWER VOLTAGE REFERNCE
ZR285F02TA DIODES-ZR285F02TA Datasheet
97Kb / 5P
   PRECISION 2.5V MICROPOWER VOLTAGE REFERNCE
ZR285F03TA DIODES-ZR285F03TA Datasheet
97Kb / 5P
   PRECISION 2.5V MICROPOWER VOLTAGE REFERNCE
More results

Similar Description - ZR285803

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF25 ZETEX-ZREF25 Datasheet
64Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-25 ZETEX-ZR4040-25 Datasheet
66Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com