Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXTDCM832 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part No. ZXTDCM832
Description  MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTDCM832 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXTDCM832 Datasheet HTML 1Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 2Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 3Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 4Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 5Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZXTDCM832
ISSUE 1 - JUNE 2002
3
0.1
1
10
100
0.01
0.1
1
10
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
0.1
1
10
100
0
25
50
75
100
125
150
175
200
225
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Note (a)(f)
100us
100ms
1s
V
CE(SAT)
Limited
1ms
Safe Operating Area
Single Pulse, T
amb
=25°C
DC
10ms
V
CE Collector-Emitter Voltage (V)
1oz Cu
Note (d)(f)
1oz Cu
Note (d)(g)
2oz Cu
Note (a)(f)
2oz Cu
Note (e)(g)
Derating Curve
T
amb
=25°C
Temperature (°C)
Note (a)(f)
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
1oz copper
Note (g)
1oz copper
Note (f)
2oz copper
Note (f)
2oz copper
Note (g)
Thermal Resistance v Board Area
BoardCuArea (sqcm)
1oz copper
Note (g)
2oz copper
Note (g)
1oz copper
Note (f)
2oz copper
Note (f)
Power Dissipation v Board Area
T
amb
=25°C
T
jmax
=150°C
Continuous
BoardCuArea (sqcm)
TYPICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
PI1843DG-22HHIGH POWER DROP-IN ISOLATOR 1 PREMIER DEVICES, INC.
HMC581LP6HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
PI1843DG-41HHIGH POWER DROP-IN ISOLATOR 1 PREMIER DEVICES, INC.
BI3101ADUAL RWM CCFL CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PI1950DG-22HHIGH POWER DROP-IN ISOLATOR 1 PREMIER DEVICES, INC.
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
PI1950DG-41HHIGH POWER DROP-IN ISOLATOR 1 PREMIER DEVICES, INC.
ZXMP6A17DN8DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn