Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXTDCM832 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. ZXTDCM832
Description  MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTDCM832 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTDCM832 Datasheet HTML 1Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 2Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 3Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 4Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 5Page - Zetex Semiconductors ZXTDCM832 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUMMARY
VCEO=50V; RSAT = 68m ;IC= 4A
DESCRIPTION
Packaged in the innovative 3mm x 2mm MLP (Micro Leaded Package) outline,
these new 4
th generation low saturation dual transistors offer extremely low on
state losses making them ideal for use in DC-DC circuits and various driving
and power management functions.
Additionally users gain several other key benefits:
Performance capability equivalent to much larger packges
Improved circuit efficiency & power levels
PCB area and device placement savings
Lower package height (nom 0.9mm)
Reduced component count
FEATURES
Low Equivalent On Resistance
Extremely Low Saturation Voltage (100mV @1A)
h
FE characterised up to 6A
I
C=4A Continuous Collector Current
3mm x 2mm MLP
APPLICATIONS
DC - DC Converters
Charging circuits
CCFL Backlighting
Power switches
Motor control
DEVICE MARKING
DCC
ZXTDCM832
ISSUE 1 - JUNE 2002
1
MPPS™ Miniature Package Power Solutions
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
B2
C2
E2
B1
C1
E1
3mm x 2mm MLP
underside view
PINOUT
DEVICE
REEL
TAPE
WIDTH
QUANTITY
PER REEL
ZXTDCM832TA
7
8mm
3000
ZXTDCM832TC
13
8mm
10000
ORDERING INFORMATION
3mm x 2mm (Dual die) MLP


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FAN4113 1.2V 36MHz Low Power Rail-to-Rail Amplifier 1  2  3  4  5  More Fairchild Semiconductor
WS628128 VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1  2  3  4  5  More Wing Shing Computer Components
PI1843DG-22H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
HMC581LP6 HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1  2  3  4  5  More Hittite Microwave Corporation
PI1843DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
BI3101A DUAL RWM CCFL CONTROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
PI1950DG-22H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
SI7842DP Dual N-Channel 30-V D-S MOSFET with Schottky Diode 1  2  3  4  5  Vishay Siliconix
PI1950DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
ZXMP6A17DN8 DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 1  2  3  4  5  More Zetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn