Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXCW8100S28 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part No. ZXCW8100S28
Description  32 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCW8100S28 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXCW8100S28 Datasheet HTML 2Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 3Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 4Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 5Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 6Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 7Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 8Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 9Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ZXCW8100S28
ISSUE 1 - JULY 2002
6
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BCK
BIT-CK clock frequency
MCK/8
40
MHz
tsds
S-DATA set-up time
1
M-CK
1
tsph
S-DATA hold time
1
M-CK
1
twcks
WORD-CLK set-up time
1
M-CK
1
twckh
WORD-CLK hold time
1
M-CK
1
Note:
1
M-CK = Master Clock Cycles.
SWITCHING CHARACTERISTICS: AUDIO INPUT DATA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tmckop
M-CK to PWM output delay
3.0
ns
topskew
PWM output to output skew
250
ps
tspdt
PWM output to deadband
output time
14.8
ns
2
Note:
2
This translates to the low period of the Master Clock (M-CI) cycles.
MASTER CLOCK TO PWM OUTPUT CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn