Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXCW8100S28 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part No. ZXCW8100S28
Description  32 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCW8100S28 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXCW8100S28 Datasheet HTML 1Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 2Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 3Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 4Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 5Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 6Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 7Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 8Page - Zetex Semiconductors ZXCW8100S28 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply voltage (VCC)
-0.3 to 4.0V
Digital input current
+/-20mA
Digital output current
+/-20mA
Digital input voltage
-0.3 to VCC + 0.3V
Digital output voltage
-0.3 to VCC + 0.3V
Package power dissipation
1.4W
Storage temperature
-55 to 125°C
Note: The Absolute Maximum Ratings indicate levels where permanent damage to the device may occur. Functional operation is not guaranteed
under theses conditions. Operation at any of the absolute maximum conditions for extended periods may adversely affect the long term reliability
of the device.
PACKAGE CHARACTERISTICS
Thermal resistance
JA (junction to ambient)
49°C/W
DC ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated): VCC = 3.3V, TAMB = 25 C
ZXCW8100S28
ISSUE 1 - JULY 2002
3
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply voltage
3
3.3
3.6
V
TO
Operating temperature range
-40
85
C
OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IS
Static Supply current
All clocks & data static
10.5
A
IDD
Operational supply current
112
144
mA
PD
Dissipation
380
475
mW
SUPPLY CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High level input voltage
VOUT
VOH(min) or
VOUT
VOUT(max)
2VCC+0.3 V
VIL
Low level input voltage
-0.3
0.8
V
IIN
Input current
VIN=0VorVCC
+/-0.5
µA
IC
Input capacitance
4.7
pF
DIGITAL INPUT CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High level input voltage
VOUT
VOH(min) or
VOUT
VOUT(max)
2VCC+0.3 V
VIL
Low level input voltage
-0.3
0.8
V
IIL
Low level Input current
VIN= 0V
-53
-70
µA
IIH
High level Input current
0.5
µA
IC
Input capacitance
4.7
pF
DIGITAL INPUT WITH ACTIVE PULL-UP CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ZXCD50STEVAL 50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD 1  2  3  4  5  More Zetex Semiconductors
ZXCD100MOEVAL 100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD 1  2  3  4  5  More Zetex Semiconductors
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
P1935 Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz 1  2  3  4  5  PREMIER DEVICES, INC.
FAN4113 1.2V 36MHz Low Power Rail-to-Rail Amplifier 1  2  3  4  5  More Fairchild Semiconductor
ADN2882 4.25 Gbps 3.3V Low Noise Transimpedance Amplifier 1  2  3  4  5  More Analog Devices
TC5517CP-15 2.048 WORD X 8 BIT CMOS STATIC RAM 1  2  3  4  5  More Toshiba Semiconductor
WS628128 VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1  2  3  4  5  More Wing Shing Computer Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn