Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCD100MOEVAL Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXCD100MOEVAL
Description  100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD100MOEVAL Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXCD100MOEVAL Datasheet HTML 1Page - Zetex Semiconductors ZXCD100MOEVAL Datasheet HTML 2Page - Zetex Semiconductors ZXCD100MOEVAL Datasheet HTML 3Page - Zetex Semiconductors ZXCD100MOEVAL Datasheet HTML 4Page - Zetex Semiconductors ZXCD100MOEVAL Datasheet HTML 5Page - Zetex Semiconductors ZXCD100MOEVAL Datasheet HTML 6Page - Zetex Semiconductors ZXCD100MOEVAL Datasheet HTML 7Page - Zetex Semiconductors ZXCD100MOEVAL Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXCD100MOEVAL CIRCUIT DESCRIPTION.
Propriety circuit design and high quality magnetics are
necessary to yield the excellent THD performance of
the solution. At the heart of the circuit is the Zetex
ZXCD1000 class D audio IC.
The ZXCD100MOEVAL circuit diagram is shown in
figure 4. The circuit consists of a voltage regulator, an
input phase splitter, the ZXCD1000, an output bridge to
drive the load - via L-C filters, an anti-pop slow start
circuit and an over-current protection circuit. (Note
components are shown also for an over-temperature
circuit however this circuit is application dependant
and is not used on the demonstration board)
The voltage regulator (Q5, ZD5 etc.) is necessary to
drop higher supply voltages (35V on the bridge for
100W) to a level suitable for the ZXCD1000 and input
phase splitter (12V on the board). The input phase
splitter, built around the NE5532 dual op amp, is
necessary to drive the Audio A and Audio B channels
on the ZXCD1000.
The Output Bridge is built around the Zetex
ZXM64P035L3 and ZXM64N035L3 PMOS and NMOS
TO220 transistors.
Q10 and its associated compnents facilitate a slow start
for the bridge supply voltage This circuit performs
anti-pop for the solution.
R28 is an over current sense resistor. The circuit shown
(Q6, Q8 etc) enables an over-current protection for the
solution. In fault conditions the circuit disables the
triangle modulation waveform and thus disables the
output bridge. Protection is given for speaker shorts
and speaker to ground shorts.
The ZXCD1000 outputs drive Output Bridge MOSFET’s,
with the PWM signal, which subsequently drives the
load via L-C filters. The purpose of this network is to
low pass filter the high frequency switching PWM
signal from the bridge. Thus the lower frequency audio
signal is recovered and is available at the speaker
outputs.
ZXCD100MOEVAL CIRCUIT PERFORMANCE
The graph shown in fig 5 indicates the THD
performance of the 100W solution. THD is shown from
zero up to full power.
Distortion is sub 1% all the way up to full power,
typically at 1W 1kHz, distortion is 0.4%.
ZXCD100MOEVAL
ISSUE 2 - JULY 2002
4
WARNING - Appropriate safety precautions should be taken by
a competent person if the ZXCD100MOEVAL is to be connected
to any potentially hazardous equipment.


Similar Part No. - ZXCD100MOEVAL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCD1000 ZETEX-ZXCD1000 Datasheet
1Mb / 16P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16TA ZETEX-ZXCD1000EQ16TA Datasheet
1Mb / 16P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
More results

Similar Description - ZXCD100MOEVAL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCD50STEVAL ZETEX-ZXCD50STEVAL Datasheet
810Kb / 11P
   50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
logo
Analog Devices
EVAL-SSM2301 AD-EVAL-SSM2301_15 Datasheet
496Kb / 8P
   Evaluation Board for Filterless Class-D Audio Amplifier
logo
Monolithic Power System...
EV7782DF-02 MPS-EV7782DF-02 Datasheet
403Kb / 6P
   40W Class D Stereo Bridged Audio Amplifier Evaluation Board
EV7782DF-00A MPS-EV7782DF-00A Datasheet
321Kb / 5P
   50W Class D Mono Bridged Audio Amplifier Evaluation Board
EV7782DF-02B MPS-EV7782DF-02B Datasheet
537Kb / 7P
   40W Class D Stereo Bridged Audio Amplifier Evaluation Board
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
   2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV1720DQ-009-00A MPS-EV1720DQ-009-00A Datasheet
323Kb / 6P
   2.7W Low-EMI Mono Class D Audio Amplifier Evaluation Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
   2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
   20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7722DF-02A MPS-EV7722DF-02A Datasheet
433Kb / 7P
   20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com