Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZR4040-25 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. ZR4040-25
Description  PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZR4040-25 Datasheet(HTML) 1 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DEVICE DESCRIPTION
The ZR4040-2.5 uses a bandgap circuit
design to achieve a precision micropower
voltage reference of 2.5 volts. The device is
available in small outline surface mount
packages, ideal for applications where space
saving is important, as well as packages for
through hole requirements.
The ZR4040-2.5 design provides a stable
voltage without an external capacitor and is
stable with capacitive loads. The ZR4040-2.5
is recommended for operation between
60
µA and 15mA and so is ideally suited to
l o w
po w e r
an d
ba tt e ry
p o we re d
applications.
Excellent performance is maintained to an
absolute maximum of 25mA, however the
rugged design and 20 volt processing allows
the reference to withstand transient effects
and currents up to 200mA. Superior
switching capability allows the device to
reach stable operating conditions in only a
few microseconds.
FEATURES
Small outline SO8 and SOT23 packages
TO92 style package
No stabilising capacitor required
Typical TC 30ppm/°C
Typical slope resistance 0.4Ω
2% 1% and 0.5 % tolerance
Industrial temperature range
Operating current 60µA to 15mA
Transient response, stable in less than
10
µs
APPLICATIONS
Battery powered and portable
equipment.
Metering and measurement systems.
Instrumentation.
Test equipment.
Data acquisition systems.
Precision power supplies.
V
R
G
nd
PRECISION 2.5 VOLT MICROPOWER
VOLTAGE REFERENCE
ISSUE 3 - MARCH 1998
SCHEMETIC DIAGRAM
ZR4040-2.5
4-173


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZR285-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
ADT6501Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 1 2 3 4 5 MoreAnalog Devices
MAX6602Five-Channel Precision Temperature Monitor 1 2 3 4 5 MoreMaxim Integrated Products
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn