Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZR285-25 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part No. ZR285-25
Description  PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZR285-25 Datasheet(HTML) 3 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-40
-20
0
20
40
60
80
2.47
2.48
2.49
2.50
2.51
0.1
110
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
100
1K
10K
100K
1
10
100
1000
04
8
12
16
0
1
2
0
10
04
8
12
16
0
10
2
1
0
TYPICAL CHARACTERISTICS
Transient Response - Single pulse
Transient Response - Repetitive Test
Temperature (°C)
Reference Current (mA)
Temperature Drift
Slope Resistance v Current
Time (
µs)
Slope Resistance v Frequency
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.001
0.01
0.1
1
10
100
Forward Characteristics
Forward Current (mA)
Time (
µs)
Frequency (kHz)
IR=150
µA to 5mA
IR=150
µA
IR=1mA
IR=5mA
IR=5mA
IR=150
µA
IR=5mA
IR=150
µA
3
85°C
25°C
-40°C
ZR285-2.5
4-167


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADT6501Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 1 2 3 4 5 MoreAnalog Devices
MAX6602Five-Channel Precision Temperature Monitor 1 2 3 4 5 MoreMaxim Integrated Products
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn