Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZBNG4000 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part No. ZBNG4000
Description  FET BIAS CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZBNG4000 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZBNG4000 Datasheet HTML 1Page - Zetex Semiconductors ZBNG4000 Datasheet HTML 2Page - Zetex Semiconductors ZBNG4000 Datasheet HTML 3Page - Zetex Semiconductors ZBNG4000 Datasheet HTML 4Page - Zetex Semiconductors ZBNG4000 Datasheet HTML 5Page - Zetex Semiconductors ZBNG4000 Datasheet HTML 6Page - Zetex Semiconductors ZBNG4000 Datasheet HTML 7Page - Zetex Semiconductors ZBNG4000 Datasheet HTML 8Page - Zetex Semiconductors ZBNG4000 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FUNCTIONAL DIAGRAM
FUNCTIONAL DESCRIPTION
The ZNBG devices provide all the bias requirements for external FETs, including the generation
of the negative supply required for gate biasing, from the single supply voltage.
The diagram above shows a single stage from the ZNBG series. The ZNBG4000/1 contains 4 such
stages, the ZNBG6000/1 contains 6. The negative rail generator is common to all devices.
The drain voltage of the external FET QN is set by the ZNBG device to its normal operating voltage.
This is determined by the on board VD Set reference, for the ZNBG4000/6000 this is nominally
2.2 volts whilst the ZNBG4001/6001 provides nominally 2 volts.
The drain current taken by the FET is monitored by the low value resistor ID Sense. The amplifier
driving the gate of the FET adjusts the gate voltage of QN so that the drain current taken matches
the current called for by an external resistor RCAL. Both ZNBG devices have the facility to program
different drain currents into selected FETs. Two RCAL inputs are provided. For the ZNBG4000,
resistor RCAL1 sets the drain current of FETs 1 and 2, resistor RCAL2 sets the drain current of FETs
3 and 4. For the ZNBG6000, resistor RCAL1 sets the drain current of FETs 1 and 4, resistor RCAL2
sets the drain current of FETs 2, 3, 5 and 6.
Since the FET is a depletion mode transistor, it is usually necessary to drive its gate negative with
respect to ground to obtain the required drain current. To provide this capability powered from
a single positive supply, the device includes a low current negative supply generator. This
generator uses an internal oscillator and two external capacitors, CNB and CSUB.
ZNBG4000
ZNBG4000 ZNBG4001
ZNBG6000 ZNBG6001
4-141


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AP3842 High Performance Current Mode PWM Controller 1  2  3  4  5  More Anachip Corp
BI3101A DUAL RWM CCFL CONTROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
M306V5ME-XXXSP SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn