Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VMD6100 Datasheet(PDF) 2 Page - Varitronix international limited

Part No. VMD6100
Description  High-Resolution, High Performance LCOS Microdisplay Solution
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VARITRONIX [Varitronix international limited]
Homepage  http://www.varitronix.com
Logo 

VMD6100 Datasheet(HTML) 2 Page - Varitronix international limited

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Varitronix is one of a few companies providing LCOS liquid crystal filling process and module assembly.
We have state-of-the-art LCD and silicon processing equipment housed in 5K sq-ft
clean room for LCOS microdisplay production. Utilizing Varitronix’ 20+ years of LCD manufacturing experience, we are able to tackle the difficulties arise from LCOS manufacturing process.
VARITRONIX reserves the right to make changes to any specifications without further notice for performance, reliability, production technique and other considerations.
Specifications – VMD6100
Feature
Specification
Display Type
Monochrome active matrix LCOS
Display Mode
Reflective NB/NW MTN, VAN
Resolution
1920 (H) x 1280 (V)
Grayscale accuracy
> 256
Display Size
17.3mm H x 11.52mm V
Pixel pitch
9um
Aperture ratio
~90%
Contrast ratio
> 1500:1
LC Response time
< 12 ms
Supply voltages
3.3V, 5V
Field rate
60 Hz
Signal interface
3.3V Standard CMOS Compatible
Projection
16:9 Aspect Ratio
Additional Features
Support 3 panel solutions
VMD6100
Headquarter
22 Chun Cheong Street, TKO Industrial Estate,
Tel : (852) 2197 6000
URL : http://www.varitronix.com
Tseung Kwan O, Hong Kong
Fax : (852) 2343 9555
E-mail : info@varitronix.com
Column Driver
Column Driver
1920 x 1280
Pixel Array
SHR
DATA
CLK
SCLK
SCAN_DN
CONTROL
CONTROL
Internal architecture of VMD6100


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn