Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VL-PS-PDA320240D-03 Datasheet(PDF) 10 Page - Varitronix international limited

Part # VL-PS-PDA320240D-03
Description  SPECIFICATION OF LCD MODULE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

VL-PS-PDA320240D-03 Datasheet(HTML) 10 Page - Varitronix international limited

Back Button VL-PS-PDA320240D-03 Datasheet HTML 6Page - Varitronix international limited VL-PS-PDA320240D-03 Datasheet HTML 7Page - Varitronix international limited VL-PS-PDA320240D-03 Datasheet HTML 8Page - Varitronix international limited VL-PS-PDA320240D-03 Datasheet HTML 9Page - Varitronix international limited VL-PS-PDA320240D-03 Datasheet HTML 10Page - Varitronix international limited VL-PS-PDA320240D-03 Datasheet HTML 11Page - Varitronix international limited VL-PS-PDA320240D-03 Datasheet HTML 12Page - Varitronix international limited VL-PS-PDA320240D-03 Datasheet HTML 13Page - Varitronix international limited VL-PS-PDA320240D-03 Datasheet HTML 14Page - Varitronix international limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
VL-PS-PDA320240D-03 REV. A
(PDA320240D-03)
JUN/2005
PAGE 10 OF 17
4.2
Typical Electrical Characteristics
At Ta = 25
°C, VDD = 3.0V±5%, VSS = 0V.
Table 5
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage (Logic) VDD-VSS
2.85
3.0
3.15
V
Supply voltage (LCD)
(Built-in)
VLCD
VDD=3.0V,
Note 1
16.3
16.5
16.7
V
VIH
“High” level,
Note 2
0.8 VDD
-
-
V
Input signal voltage
VIL
“Low” level,
Note 2
-
-
0.2 VDD
V
Character mode,
VDD = 3.0V. Note (1)
-
20
30
m
A
Supply Current
(Logic & LCD)
IDD
Checker board mode,
VDD = 3.0V. Note (1)
-
30
45
m
A
Supply voltage of
White LED05
backlight
VLED
3.0
3.2
3.4
V
Luminance (on the
backlight surface)
Forward current
=20mA
Number of LED
chips=1x4=4
70
100
-
cd/m2
Note 1: There is tolerance in optimum LCD driving voltage during production and it will be
within the specified range.
Note 2: Apply to pins DB0~DB3, EIO2, LP, XCK and FR.
4.3 Touch Panel Electrical Specification
Table 6
Item
Specification
Condition
465 ohm
±35%
X axis
Terminal Resistance
653 ohm
±35%
Y axis
Linearity
<2%
Insulation Resistance
>20M ohm
+25V
Transparency
>80% Min.
-


Similar Part No. - VL-PS-PDA320240D-03

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VL-PS-PDA320240D-02 VARITRONIX-VL-PS-PDA320240D-02 Datasheet
1Mb / 16P
   SPECIFICATION OF LCD MODULE TYPE
More results

Similar Description - VL-PS-PDA320240D-03

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VL-FS-MGLS12864T-54 VARITRONIX-VL-FS-MGLS12864T-54 Datasheet
286Kb / 14P
   SPECIFICATION OF LCD MODULE TYPE
VL-PS-OLM-O095CNC-02 VARITRONIX-VL-PS-OLM-O095CNC-02 Datasheet
884Kb / 25P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS12433P-01 VARITRONIX-VL-FS-MDLS12433P-01 Datasheet
168Kb / 10P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MGLS128128-29C VARITRONIX-VL-FS-MGLS128128-29C Datasheet
432Kb / 11P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16163-04 VARITRONIX-VL-FS-MDLS16163-04 Datasheet
482Kb / 12P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MGLS12864T-14 VARITRONIX-VL-FS-MGLS12864T-14 Datasheet
201Kb / 10P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16119D-01 VARITRONIX-VL-FS-MDLS16119D-01 Datasheet
131Kb / 12P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16165D-02 VARITRONIX-VL-FS-MDLS16165D-02 Datasheet
290Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16166D-11 VARITRONIX-VL-FS-MDLS16166D-11 Datasheet
177Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS161615D-02 VARITRONIX-VL-FS-MDLS161615D-02 Datasheet
323Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com