Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD33120XD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SD33120XD
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD33120XD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SD33120XD Datasheet HTML 4Page - List of Unclassifed Manufacturers SD33120XD Datasheet HTML 5Page - List of Unclassifed Manufacturers SD33120XD Datasheet HTML 6Page - List of Unclassifed Manufacturers SD33120XD Datasheet HTML 7Page - List of Unclassifed Manufacturers SD33120XD Datasheet HTML 8Page - List of Unclassifed Manufacturers SD33120XD Datasheet HTML 9Page - List of Unclassifed Manufacturers SD33120XD Datasheet HTML 10Page - List of Unclassifed Manufacturers SD33120XD Datasheet HTML 11Page - List of Unclassifed Manufacturers SD33120XD Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
   
4
Voice Solutions in Silicon
NOTE
        
      
! ! "   ! 
##  $  !
! ! "  # # % 
 "  !  
      & "
  !       &# "
!  '
$  ( !! !  
   (     #
  !
$  ( !! !  !
 )*   "  )+,)  
 %     ! "
$  ! "  -+)
./$  "  )+,)  
   "  ! "    "
 -.  
    &   
"   !    &# "
!  '
$  ( !! ! 
"  )+,)    
## 
!& ! '(
& ( 4  J( 4 &  ..AAA +
,
% " !&  '%"(
& &  &    ..AAA , 
#& # &    
  "+ C"  &! 2 ! 
C 2  C  ..AAA ,
%  !& " '%"(
& &  &  "  ..AAA , &
 !&   !+# & " 
, &  &
! !", '!,(
& &  2    ..AAA  & !+
 C  #& , '#)  &
&  &E  &"&    "
 , !     & 
&    ..AAA   &! ! "
 3  &"  "  ,   "!
! "  3
 '(
 ..AAA   !&  J  &&
 J 4  ,"4 ' %9)   " &&!
' ) #2 &  & &   
     &    
,"4 4 !   ! 
#&&! ! &   4 C
  5 #     &  
 &&  C  C   &
  K ,"4 "! +
&    "  ..AAAL& !
## & C  !   
C2 
    K +"+ &&!
"! & &  ! C2  4 
 & "   &5  "! & +
&  4
"-  !", '(
& &       ,&  &!+
 4  7A #&    > 3:E &#! "+
< '& &&  &! 4 " ##
   >AA 4& " ##  
..$A7A>A$1A ,& & &! &&
:*: " .=7 #&  &&  J " $7 #&
4  &   "  4 J  
## & "& (    #&
:*: "  5   & &   
    &#   & 
  ,


Similar Part No. - SD33120XD

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD3312A SHOUDING-SD3312A Datasheet
625Kb / 7P
   LIght-to-SwItchIng FunctIon-SwItched FunctIon-SwItchable FunctIonal-Controlled IC
More results

Similar Description - SD33120XD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com