Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VL-FS-MGLS12864T-14 Datasheet(PDF) 6 Page - Varitronix international limited

Part No. VL-FS-MGLS12864T-14
Description  SPECIFICATION OF LCD MODULE TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VARITRONIX [Varitronix international limited]
Homepage  http://www.varitronix.com
Logo 

VL-FS-MGLS12864T-14 Datasheet(HTML) 6 Page - Varitronix international limited

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
VL-FS-MGLS12864T-14 REV. A
(MGLS12864T-LV2-LED03)
JAN./2002
PAGE 6 OF 10
3. Interface signals
Table 2
Pin No. Symbol
Description
1
FG
Frame ground (see note 1).
2
VSS
Ground (0V).
3
VDD
Power supply for logic (+5V).
4
V0
Power supply for LCD drive
5
/WR
Data Write. Write data into T6963C when /WR=“Low”.
6
/RD
Data Read. Read data from T6963C when /RD=“Low”.
7
/CE
Chip enable for T6963C.
/CE must be “Low” when CPU communicates with T6963C.
8
C / D
/WR = “Low” …..C/D=”High”: Command Write C/D=”Low”: Data Write.
/RD = “Low” ….. C/D=”High”: Status Read
C/D=”Low”: Data Read.
9
/RST
“High”: Normal (T6963C has internal pull-up resistor).
“Low”: Initialize T6963C. Text and graphic have addresses and text and graphic
area settings are retained.
10
DB0
Data input/output (LSB).
11
DB1
Data input/output.
12
DB2
Data input/output.
13
DB3
Data input/output.
14
DB4
Data input/output.
15
DB5
Data input/output.
16
DB6
Data input/output.
17
DB7
Data input/output (MSB).
18
FS
Font select.
“High” for 6 x 8 font &
“Low” for 8 x 8 font.
-
A
Anode of backlight
-
K
Cathode of backlight
Note 1: This pin is electrically connected to the metal bezel (frame).
User can choose to connect this pin to VSS or leave it open.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VL-FS-MDLS12433P-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS16119D-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS16163-04SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS16165D-02SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS16166D-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS16166D-03SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS16166D-07SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS16166D-11SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS161612D-09SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS161615D-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn