Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7842DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI7842DP
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7842DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7842DP Datasheet HTML 1Page - Vishay Siliconix SI7842DP Datasheet HTML 2Page - Vishay Siliconix SI7842DP Datasheet HTML 3Page - Vishay Siliconix SI7842DP Datasheet HTML 4Page - Vishay Siliconix SI7842DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D LITTLE FOOT Plust Schottky
D New Low Thermal Resistance PowerPAKr
Package with Low 1.07-mm Profile
D 100% Rg Tested
APPLICATIONS
D Bus and Logic DC-DC
Si7842DP
Vishay Siliconix
Document Number: 71617
S-31728—Rev. B, 18-Aug-03
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.022 @ VGS = 10 V
10
30
0.030 @ VGS = 4.5 V
8.5
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V)
Diode Forward Voltage
IF (A)
30
0.50 V @ 1.0 A
3.0
N-Channel MOSFET
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
Schottky Diode
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
6.15 mm
5.15 mm
Bottom View
PowerPAK SO-8
Ordering Information: Si7842DP-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
10
6.3
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
6.0
5.0
A
Pulsed Drain Current
IDM
30
A
Continuous Source Current (Diode Conduction)a
IS
2.9
1.1
Maximum Power Dissipationa
TA = 25_C
PD
3.5
1.4
W
Maximum Power Dissipationa
TA = 70_C
PD
2.2
0.9
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
MOSFET
Schottky
Parameter
Symbol
Typ
Max
Typ
Max
Unit
Mi
J
ti
t A bi
ta
t
v 10 sec
R
26
35
26
35
Maximum Junction-to-Ambienta
Steady-State
RthJA
60
85
60
85
_C/W
Maximum Junction-to-Case (Drain)
Steady-State
RthJC
3.9
5.5
3.9
5.5
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PJP75N75 75V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
HMC581LP6 HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1  2  3  4  5  More Hittite Microwave Corporation
BI3101A DUAL RWM CCFL CONTROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
MRF7S19100NR1 RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
P75N02LD N-Channel Logic Level Enhancement Mode Field Effect Transistor 1  2  3  List of Unclassifed Manufacturers
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
IDT821034 QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1  2  3  4  5  More Integrated Device Technology
AD8197 4:1 HDMI/DVI Switch with Equalization 1  2  3  4  5  More Analog Devices
ADA4412-3 Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1  2  3  4  5  More Analog Devices
MAX7325 I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os 1  2  3  4  5  More Maxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn