Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VL-FS-MDLS16166D-11 Datasheet(PDF) 6 Page - Varitronix international limited

Part No. VL-FS-MDLS16166D-11
Description  SPECIFICATION OF LCD MODULE TYPE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

VL-FS-MDLS16166D-11 Datasheet(HTML) 6 Page - Varitronix international limited

Back Button VL-FS-MDLS16166D-11 Datasheet HTML 2Page - Varitronix international limited VL-FS-MDLS16166D-11 Datasheet HTML 3Page - Varitronix international limited VL-FS-MDLS16166D-11 Datasheet HTML 4Page - Varitronix international limited VL-FS-MDLS16166D-11 Datasheet HTML 5Page - Varitronix international limited VL-FS-MDLS16166D-11 Datasheet HTML 6Page - Varitronix international limited VL-FS-MDLS16166D-11 Datasheet HTML 7Page - Varitronix international limited VL-FS-MDLS16166D-11 Datasheet HTML 8Page - Varitronix international limited VL-FS-MDLS16166D-11 Datasheet HTML 9Page - Varitronix international limited VL-FS-MDLS16166D-11 Datasheet HTML 10Page - Varitronix international limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
VL-FS-MDLS16166D-11 REV. A
(MDLS16166D-HT-HV-LED04-16PINS)
JULY/2003
PAGE 6 OF 13
3.
Interface signals
Table 2
Pin No.
Symbol
Description
1
VSS
Ground (0V).
2
VDD
Power supply for logic (+5V)
3
V0
Power supply for LCD driver
4
RS
Register Select Input:
“High” for Data register (for read and write)
“Low” for Instruction register (for write),
Busy flag, address counter (for read)
5
R/W
Read/Write signal:
“High” for Read mode.
“Low” for Write mode.
6
E
Enable.
Start signal for data read /write.
7
DB0
Data input/output (LSB)
8
DB1
Data input/output
9
DB2
Data input/output
10
DB3
Data input/output
11
DB4
Data input/output
12
DB5
Data input/output
13
DB6
Data input/output
14
DB7
Data input/output (MSB)
15
LED(+)
Anode of LED backlight
16
LED(-)
Cathode of LED backlight


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
VL-FS-MDLS12433P-01 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MDLS16119D-01 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MDLS16163-04 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MDLS16165D-02 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MDLS16166D-01 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MDLS16166D-03 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MDLS16166D-07 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
TLM-T350MPV-01 LCM Module Specification 1  Varitronix international limited
MDLS12433P-XX LCM Module Specification 1  Varitronix international limited
MDLS16166D-XX SPECIFICATION OF MODULE 1  Varitronix international limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn