Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M306V5ME-XXXSP Datasheet(PDF) 92 Page - Mitsubishi Electric Semiconductor

Part No. M306V5ME-XXXSP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  262 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M306V5ME-XXXSP Datasheet(HTML) 92 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 92 / 262 page
background image
M306V5ME-XXXSP
M306V5EESP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
92
Rev. 1.0
Figure 2.11.4 UARTi transmit buffer register (i = 0 and 2)
b7
b0
(b15)
(b8)
b7
b0
UARTi transmit buffer register
Function
Transmit data (Note)
Nothing is assigned.
In an attempt to write to these bits, write “0.” The value, if read, turns out to be indeterminate.
Symbol
Address
When reset
U0TB
03A316, 03A216
Indeterminate
U2TB
037B16, 037A16
Indeterminate
W
R
Figure 2.11.5 UARTi receive buffer register (i = 0 and 2)
Figure 2.11.6 UARTi bit rate generator (i = 0 and 2)
UARTi bit rate generator
b7
b0
Symbol
Address
When reset
U0BRG
03A116
Indeterminate
U2BRG
037916
Indeterminate
Function
Assuming that set value = n, BRGi divides the count source by
n + 1
0016 to FF16
Values that can be set
W
R
Symbol
Address
When reset
U0RB
03A716, 03A616
Indeterminate
U2RB
037F16, 037E16
Indeterminate
b7
b0
(b15)
(b8)
b7
b0
UARTi receive buffer register
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
Bit name
Bit
symbol
0 : No framing error
1 : Framing error found
0 : No parity error
1 : Parity error found
0 : No error
1 : Error found
Invalid
Invalid
Invalid
OER
FER
PER
SUM
Overrun error flag (Note 1)
Framing error flag (Note 1)
Parity error flag (Note 1)
Error sum flag (Note 1)
0 : No overrun error
1 : Overrun error found
0 : No overrun error
1 : Overrun error found
Nothing is assigned.
In an attempt to write to these bits, write “0.” The value, if read, turns out to be “0.”
Receive data
W
R
Receive data
Reserved bit
Must always be set to “0”
Must always be set to “0”
Notes 1: Bits 15 through 12 are set to “0” when the serial I/O mode select bit (bits 2 to 0 at addresses
03A016 and 037816) are set to “0002” or the receive enable bit is set to “0”.
(Bit 15 is set to “0” when bits 14 to 12 all are set to “0.”) Bits 14 and 13 are also set to “0” when
the lower byte of the UARTi receive buffer register (addresses 03A6 16 and 037E16) is read out.
2: The arbtration lost detecting flag is assigned to U2RB and is written only “0.” Nothing is
assinged to bit 11 of U0RB. This bit can neither be set nor reset, when read, he the value is “0.”
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn