Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M306V5ME-XXXSP Datasheet(PDF) 76 Page - Mitsubishi Electric Semiconductor

Part No. M306V5ME-XXXSP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  262 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M306V5ME-XXXSP Datasheet(HTML) 76 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 76 / 262 page
background image
M306V5ME-XXXSP
M306V5EESP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
76
Rev. 1.0
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i = 0 to 4) 039616 to 039A16
0016
b7b6b5b4b3b2b1b0
Operation mode select bit
0 1 : Event counter mode (Note 1)
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
0 : Pulse is not output
(TA2OUT/TA3OUT pin is a normal port pin)
1 : Pulse is output (Note 2)
(TA2OUT/TA3OUT pin is a pulse output pin)
Reserved bit
MR3
0 : (Must always be set to “0” in event counter mode)
Reserved bit
TCK0
01
0
Must always be set to “0”
Bit symbolBit nameFunction
W
R
Count operation type select
bit
0 : Reload type
1 : Free-run type
Must always be set to “0”
00
Notes 1: In event counter mode, the count source is selected by the event / trigger
select bit (addresses 038216 and 038316).
2: The settings of the corresponding port register and port direction register
are invalid.
3: This bit of TAiMR (i = 0, 1, 4) must always be set to “0.”
4: When an “L” signal is input to the input signal from TA2OUT/TA3OUT pin,
the downcount is activated. When “H,” the upcount is activated. Set the
corresponding port direction register to “0.”
MR2
Up/down switching
cause select bit
0 : Up/down flag’s content
1 : TA2OUT/TA3OUT pin’s input signal
(Notes 3, 4)
Figure 2.10.12 Timer Ai mode register in event counter mode (i = 0 to 4)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn