Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M306V5ME-XXXSP Datasheet(PDF) 41 Page - Mitsubishi Electric Semiconductor

Part No. M306V5ME-XXXSP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  262 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M306V5ME-XXXSP Datasheet(HTML) 41 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 41 / 262 page
background image
M306V5ME-XXXSP
M306V5EESP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
41
Rev. 1.0
(2) Variable vector tables
The fixed vector table is a table in which addresses are fixed. The vector tables are located in an area
extending from FFFDC16 to FFFFF16. One vector table comprises four bytes. Set the first address of
interrupt routine in each vector table. Table 2.7.2 shows the interrupts assigned to the fixed vector
tables and addresses of vector tables.
Table 2.7.2 Interrupts assigned to the variable vector tables and addresses of vector tables
Software interrupt numberInterrupt source
Vector table address
Address (L) to address (H)
Remarks
Cannot be masked I flag
+0 to +3 (Note)BRK instruction
Software interrupt number 0
+44 to +47 (Note)
Software interrupt number 11
+48 to +51 (Note)
Software interrupt number 12
+52 to +55 (Note)
Software interrupt number 13
+56 to +59 (Note)
Software interrupt number 14
+68 to +71 (Note)
Software interrupt number 17
+72 to +75 (Note)
Software interrupt number 18
+76 to +79 (Note)
Software interrupt number 19
+80 to +83 (Note)
Software interrupt number 20
+84 to +87 (Note)
Software interrupt number 21
+88 to +91 (Note)
Software interrupt number 22
+92 to +95 (Note)
Software interrupt number 23
+96 to +99 (Note)
Software interrupt number 24
+100 to +103 (Note)
Software interrupt number 25
+104 to +107 (Note)
Software interrupt number 26
+108 to +111 (Note)
Software interrupt number 27
+112 to +115 (Note)
Software interrupt number 28
+116 to +119 (Note)
Software interrupt number 29
+120 to +123 (Note)
Software interrupt number 30
+124 to +127 (Note)
Software interrupt number 31
+128 to +131 (Note)
Software interrupt number 32
+252 to +255 (Note)
Software interrupt number 63
to
Note: Address relative to address in interrupt table register (INTB).
Cannot be masked I flag
+40 to +43 (Note)
Software interrupt number 10
+60 to +63 (Note)
Software interrupt number 15
+64 to +67 (Note)
Software interrupt number 16
+20 to +23 (Note)
Software interrupt number 5
+24 to +27 (Note)
Software interrupt number 6
+28 to +31 (Note)
Software interrupt number 7
+32 to +35 (Note)
Software interrupt number 8
+16 to +19 (Note)
OSD1
Software interrupt number 4
+36 to +39 (Note)
Software interrupt number 9
OSD2
to
DMA0
DMA1
Multi-master I2C-BUS interface 0
A-D conversion
UART0 transmit
UART0 receive
Data slicer
VSYNC
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
Timer B0
Timer B1
Timer B2
INT0
INT1
Software interrupt
Bus collision detection
UART2 transmit
UART2 receive
Reserved source
Reserved source
Reserved source
Reserved source
Multi-master I2C-BUS interface 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn