Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M306V5ME-XXXSP Datasheet(PDF) 35 Page - Mitsubishi Electric Semiconductor

Part No. M306V5ME-XXXSP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  262 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M306V5ME-XXXSP Datasheet(HTML) 35 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 35 / 262 page
background image
M306V5ME-XXXSP
M306V5EESP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
35
Rev. 1.0
2.6 Protection
The protection function is provided so that the values in important registers cannot be changed in the event
that the program runs out of control. Figure 2.6.1 shows the protect register. The values in the processor
mode register 0 (address 000416), processor mode register 1 (address 000516), system clock control reg-
ister 0 (address 000616), system clock control register 1 (address 000716) and port P9 direction register
(address 03F316) can only be changed when the respective bit in the protect register is set to “1”. There-
fore, important outputs can be allocated to port P9.
If, after “1” (write-enabled) has been written to the port P9 direction register write-enable bit (bit 2 at address
000A16), a value is written to any address, the bit automatically reverts to “0” (write-inhibited). However, the
system clock control registers 0 and 1 write-enable bit (bit 0 at 000A16) and processor mode register 0 and
1 write-enable bit (bit 1 at 000A16) do not automatically return to “0” after a value has been written to an
address. The program must therefore be written to return these bits to “0”.
Protect register
Symbol
Address
When reset
PRCR
000A16
XXXXX0002
Bit name
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
0 : Write-inhibited
1 : Write-enabled
PRC1
PRC0
PRC2
Enables writing to processor mode
registers 0 and 1 (addresses 0004 16
and 000516)
Function
0 : Write-inhibited
1 : Write-enabled
Enables writing to system clock
control registers 0 and 1 (addresses
000616 and 000716
)
Enables writing to port P9 direction
register (address 03F3 16)
(Note
)
0 : Write-inhibited
1 : Write-enabled
W
R
Nothing is assigned.
In an attempt to write to these bits, write “0.” The value, if read, turns out to be
indeterminate.
Note: Writing a value to an address after “1” is written to this bit returns the bit
to “0.” Other bits do not automatically return to “0” and they must therefore
be reset by the program.
Figure 2.6.1 Protect register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn