Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M306V5ME-XXXSP Datasheet(PDF) 34 Page - Mitsubishi Electric Semiconductor

Part No. M306V5ME-XXXSP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  262 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M306V5ME-XXXSP Datasheet(HTML) 34 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 34 / 262 page
background image
M306V5ME-XXXSP
M306V5EESP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
34
Rev. 1.0
Figure 2.5.6 State transition diagram of Power control mode
Main clock is oscillating
BCLK : f(XIN)/16
CM06 = “0”
CM17 = “1”
CM16 = “1”
BCLK: f(XIN)/4
CM06 = “0”
CM17 = “1”
CM16 = “0”
BCLK : f(XIN)
CM06 = “0”
CM17 = “0”
CM16 = “0”
BCLK : f(XIN)/2
CM06 = “0”
CM17 = “0”
CM16 = “1”
High-speed modeMedium-speed mode (divided-by-2)
Medium-speed mode (divided-by-16)
Medium-speed mode (divided-by-4)
Reset
Medium-speed mode
(Divided-by-8 mode)
Interrupt
Transition of stop mode, wait mode
Transition of normal mode
Notes 1: Switch clocks after oscillation of main clock is
sufficiently stable.
2:Change CM06 after changing CM17 and
CM16.
3: Transit in accordance with arrows.
High-speed/
medium-speed
mode
Wait mode
WAIT
instruction
Interrupt
CPU operation stopped
Stop mode
CM10 = “1”
All oscillators stopped
Main clock is oscillating
Medium-speed mode (divided-by-8 mode)
BCLK : f(XIN)/8
CM06 = “1”
CM06 = “1”
Stop mode
CM10 = “1”
All oscillators stopped
Interrupt
Wait mode
WAIT
instruction
Interrupt
CPU operation stopped
(See the figure below as for transition of normal mode)
CM06 = “0”


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn