Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M306V5ME-XXXSP Datasheet(PDF) 30 Page - Mitsubishi Electric Semiconductor

Part No. M306V5ME-XXXSP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  262 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M306V5ME-XXXSP Datasheet(HTML) 30 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 30 / 262 page
background image
M306V5ME-XXXSP
M306V5EESP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
30
Rev. 1.0
Figures 2.5.4 and 2.5.5 shows the system clock control registers 0 and 1.
Figure 2.5.5 System clock control register 1
Figures 2.5.4 System clock control register 0
System clock control register 1 (Note 1)
SymbolAddressWhen reset
CM1000716
2016
Bit nameFunction
Bit symbol
b7b6b5b4b3b2b1b0
CM10
All clock stop control bit
(Note 4)
0 : Clock on
1 : All clocks off (stop mode)
Notes 1: Set bit 0 of the protect register (address 000A16) to “1” before writing to this register.
2: This bit changes to “1” when shifting from high-speed/medium-speed mode to stop mode and at a
reset.
3: Can be selected when bit 6 of the system clock control register 0 (address 000616) is “0.”
If “1”, division mode is fixed at 8.
4: If this bit is set to “1,” XOUT turns “H,” and the built-in feedback resistor is cut off.
CM15
XIN-XOUT drive capacity
select bit (Note 2)
0 : LOW
1 : HIGH
W
R
CM16
CM17
Main clock division
select bit 1 (Note 3)
0 0 : No division mode
0 1 : Division by 2 mode
1 0 : Division by 4 mode
1 1 : Division by 16 mode
b7 b6
0
0
Reserved bits
Must always be set to
“0”
0
0
System clock control register 0 (Note 1)
SymbolAddressWhen reset
CM0000616
4816
Bit nameFunction
Bit symbol
b7b6b5b4b3b2b1b0
CM02
Reserved bits
CM06
WAIT peripheral function
clock stop bit
0 : Do not stop peripheral function clock in wait mode
1 : Stop peripheral function clock in wait mode
Main clock division select
bit 0 (Note 2)
0 : CM16 and CM17 valid
1 : Division by 8 mode
Notes 1: Set bit 0 of the protect register (address 000A16) to “1” before writing to this register.
2: This bit changes to “1” when shifting from high-speed/medium-speed mode to stop mode and at a reset.
W
R
00 1
0 0
Must always be set to “0”
Reserved bit
Must always be set to “1”
Reserved bits
Must always be set to “0”
Reserved bit
Must always be set to “0”
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn