Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M306V5ME-XXXSP Datasheet(PDF) 23 Page - Mitsubishi Electric Semiconductor

Part # M306V5ME-XXXSP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M306V5ME-XXXSP Datasheet(HTML) 23 Page - Mitsubishi Electric Semiconductor

Back Button M306V5ME-XXXSP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M306V5ME-XXXSP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M306V5ME-XXXSP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M306V5ME-XXXSP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M306V5ME-XXXSP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M306V5ME-XXXSP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M306V5ME-XXXSP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M306V5ME-XXXSP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M306V5ME-XXXSP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 262 page
background image
M306V5ME-XXXSP
M306V5EESP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
23
Rev. 1.0
2.4 Single-chip Mode
This microcomputer supports single-chip mode only.
In single-chip mode, only internal memory space (SFR, OSD RAM, internal RAM, and internal ROM) can
be accessed. Ports P0, P2 to P10 can be used as programmable I/O ports or as I/O ports for the internal
peripheral functions.
Figure 2.4.1 shows the processor mode register 0 and Figure 2.4.2 shows the processor mode register 1.
Figure 2.4.3 shows the memory map.
Figure 2.4.1 Processor mode register 0
Processor mode register 0 (Note)
SymbolAddressWhen reset
PM0000416
0016
Bit nameFunction
Bit symbol
W
R
b7b6b5b4b3b2b1b0
0 0: Single-chip mode
0 1: Inhibited
1 0: Inhibited
1 1: Inhibited
b1 b0
PM03
PM01
PM00
Processor mode bit
Software reset bit
The device is reset when this bit is set
to “1”. The value of this bit is “0” when
read.
Note : Set bit 1 of the protect register (address 000A16) to “1” when writing new
values to this register.
Reserved bit
Must always be set to “0”
Reserved bits
Must always be set to “0”
00 00
0 00
Figure 2.4.2 Processor mode register 1
Processor mode register 1 (Note 1)
SymbolAddressWhen reset
PM1000516
00000X002
Bit nameFunction
Bit symbol
W
R
b7b6b5b4b3b2b1b0
Nothing is assigned.
In an attempt to write to this bit, write “0.” The value, if read, turns out to be
indeterminate.
Reserved bit
Must always be set to “0”
0
Notes 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new
values to this register.
2: As this bit becomes “0” at reset, must always be set to “1” after reset
release.
PM17
Wait bit
0 : No wait state
1 : Wait state inserted
Reserved bits
Must always be set to “0”
00
0
0
Reserved bit (Note 2)
Must always be set to “1”
1


Similar Part No. - M306V5ME-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M306V5ME-XXXSP RENESAS-M306V5ME-XXXSP Datasheet
2Mb / 263P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M306V5ME-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M306V2ME MITSUBISHI-M306V2ME Datasheet
1Mb / 276P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M306V5ME MITSUBISHI-M306V5ME Datasheet
1Mb / 262P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
6V7 RENESAS-6V7 Datasheet
2Mb / 298P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M306V0ME MITSUBISHI-M306V0ME Datasheet
2Mb / 256P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M306V5ME-XXXSP RENESAS-M306V5ME-XXXSP Datasheet
2Mb / 263P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V2ME-XXXFP RENESAS-M306V2ME-XXXFP Datasheet
2Mb / 271P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V7MG RENESAS-M306V7MG_15 Datasheet
2Mb / 300P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com