Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4282V-25ASC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C4282V-25ASC
Description  64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4282V-25ASC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C4282V-25ASC Datasheet HTML 3Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 4Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 5Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 6Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 7Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 8Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 9Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 10Page - Cypress Semiconductor CY7C4282V-25ASC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY7C4282V
CY7C4292V
7
Notes:
12. The clocks (RCLK, WCLK) can be free-running during reset.
13. For standalone or width expansion configuration only.
14. After reset, the outputs will be LOW if OE = 0 and three-state if OE=1.
15. When tSKEW1 > minimum specification, tFRL (maximum) = tCLK + tSKEW2. When tSKEW1 < minimum specification, tFRL (maximum) = either 2*tCLK + tSKEW1 or tCLK + tSKEW1.
The Latency Timing applies only at the Empty Boundary (EF = LOW).
16. The first word is available the cycle after EF goes HIGH, always.
Switching Waveforms (continued)
Reset Timing
tRS
tRSR
Q0 –Q8
RS
tRSF
tRSF
tRSF
OE=1
OE=0
REN,WEN
EF,PAE
FF,PAF
4282V–8
[12]
[14]
tRSS
LD
[13]
D0 (FIRSTVALID WRITE)
First Data Word Latency after Reset with Simultaneous Read and Write
tSKEW1
WEN
WCLK
Q0 –Q8
EF
REN
OE
tOE
tENS
tOLZ
tDS
RCLK
tREF
tA
tFRL
D1
D2
D3
D4
D0
D1
D0 –D8
4282V–9
tA
[15]
[16]


Similar Part No. - CY7C4282V-25ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4282V-10ASC CYPRESS-CY7C4282V-10ASC Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V-15ASC CYPRESS-CY7C4282V-15ASC Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V-15ASI CYPRESS-CY7C4282V-15ASI Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
More results

Similar Description - CY7C4282V-25ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
   64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275 CYPRESS-CY7C4275 Datasheet
281Kb / 21P
   32K/64Kx18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com