Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C4282V-15ASI Datasheet(PDF) 14 Page - Cypress Semiconductor

Part No. CY7C4282V-15ASI
Description  64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4282V-15ASI Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY7C4282V-15ASI Datasheet HTML 7Page - Cypress Semiconductor CY7C4282V-15ASI Datasheet HTML 8Page - Cypress Semiconductor CY7C4282V-15ASI Datasheet HTML 9Page - Cypress Semiconductor CY7C4282V-15ASI Datasheet HTML 10Page - Cypress Semiconductor CY7C4282V-15ASI Datasheet HTML 11Page - Cypress Semiconductor CY7C4282V-15ASI Datasheet HTML 12Page - Cypress Semiconductor CY7C4282V-15ASI Datasheet HTML 13Page - Cypress Semiconductor CY7C4282V-15ASI Datasheet HTML 14Page - Cypress Semiconductor CY7C4282V-15ASI Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CY7C4282V
CY7C4292V
14
Depth Expansion Configuration
The CY7C4282V/92V can easily be adapted to applications
requiring more than 64K/128K words of buffering. Figure 3
shows Depth Expansion using three CY7C4282V/92Vs. Max-
imum depth is limited only by signal loading. Follow these
steps:
1. The first device must be designated by grounding the First
Load (FL) control input.
2. All other devices must have FL in the HIGH state.
3. The Expansion Out (XO) pin of each device must be tied to
the Expansion In (XI) pin of the next device.
4. EF and FF composite flags are created by ORing together
each individual respective flag.
Figure 3. Block Diagram of 64Kx9/128Kx9 Low-Voltage Deep Sync FIFO Memory
with Programmable Flags used in Depth Expansion Configuration
4282V–25
WRITECLOCK (WCLK)
WRITEENABLE (WEN)
RESET (RS)
FF
FF
EF
EF
XI
FIRST LOAD (FL)
READ CLOCK (RCLK)
READ ENABLE (REN)
OUTPUTENABLE (OE)
XO
FF
EF
XI
XO
VCC
FL
FF
EF
XI
XO
7C4282V
7C4292V
VCC
FL
DATA IN (D)
DATA OUT (Q)
WCLK
WEN
RS
RCLK
REN
OE
DQ
7C4282V
7C4292V
WCLK
WEN
RS
RCLK
REN
OE
DQ
WCLK
WEN
RS
D
RCLK
REN
OE
Q
FL
7C4282V
7C4292V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ADT6501 Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 1  2  3  4  5  More Analog Devices
FAN4113 1.2V 36MHz Low Power Rail-to-Rail Amplifier 1  2  3  4  5  More Fairchild Semiconductor
NE13700 LOW NOISE KU-BAND GAAS MESFET 1  2  3  4  5  NEC
ADN2882 4.25 Gbps 3.3V Low Noise Transimpedance Amplifier 1  2  3  4  5  More Analog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn