Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SP6464 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61SP6464
Description  64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SP6464 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61SP6464 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. A
04/17/01
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2001, Integrated Silicon Solution, Inc.
IS61SP6464
ISSI ®
FEATURES
• Fast access time:
– 133, 117, 100 MHz; 6 ns (83 MHz);
7 ns (75 MHz); 8 ns (66 MHz)
• Internal self-timed write cycle
• Individual Byte Write Control and Global Write
• Clock controlled, registered address, data and
control
• Pentium™ or linear burst sequence control
using MODE input
• Five chip enables for simple depth expansion
and address pipelining
• Common data inputs and data outputs
• Power-down control by ZZ input
• JEDEC 128-Pin TQFP 14mm x 20mm
package
• Single +3.3V power supply
• Control pins mode upon power-up:
– MODE in interleave burst mode
– ZZ in normal operation mode
These control pins can be connected to GNDQ
or VCCQ to alter their power-up state
DESCRIPTION
The
ISSI IS61SP6464 is a high-speed, low-power synchro-
nous static RAM designed to provide a burstable, high-
performance, secondary cache for the i486™, Pentium™,
680X0™, and PowerPC™ microprocessors. It is organized
as 65,536 words by 64 bits, fabricated with
ISSI's advanced
CMOS technology. The device integrates a 2-bit burst counter,
high-speed SRAM core, and high-drive capability outputs into
a single monolithic circuit. All synchronous inputs pass through
registers controlled by a positive-edge-triggered single clock
input.
Write cycles are internally self-timed and are initiated by the
rising edge of the clock input. Write cycles can be from one to
eight bytes wide as controlled by the write control inputs.
Separate byte enables allow individual bytes to be written.
BW1 controls I/O1-I/O8, BW2 controls I/O9-I/O16, BW3 con-
trols I/O17-I/O24,
BW4 controls I/O25-I/O32, BW5 controls
I/O33-I/O40,
BW6 controls I/O41-I/O48, BW7 controls I/O49-
I/O56,
BW8 controls I/O57-I/O64, conditioned by BWE being
LOW. A LOW on
GW input would cause all bytes to be written.
Bursts can be initiated with either
ADSP (Address Status
Processor) or
ADSC (Address Status Cache Controller) input
pins. Subsequent burst addresses can be generated inter-
nally by the IS61SP6464 and controlled by the
ADV (burst
address advance) input pin.
Asynchronous signals include output enable (
OE), sleep mode
input (ZZ), and burst mode input (MODE). A HIGH input on the
ZZ pin puts the SRAM in the power-down state. When ZZ is
pulled LOW (or no connect), the SRAM normally operates
after the wake-up period. A LOW input, i.e., GNDQ, on MODE
pin selects LINEAR Burst. A VCCQ (or no connect) on MODE
pin selects INTERLEAVED Burst.
64K x 64 SYNCHRONOUS
PIPELINE STATIC RAM
APRIL 2001


Similar Part No. - IS61SP6464

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
More results

Similar Description - IS61SP6464

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
   3.3V 64K x 18 Synchronous QuadPort??Static RAM
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
   64K x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com