Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SP6464 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61SP6464
Description  64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SP6464 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61SP6464 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IS61SP6464
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. A
04/17/01
ASYNCHRONOUS TRUTH TABLE
Operation
ZZ
OE
I/O STATUS
Pipelined Read
L
L
Dout
Pipelined Read
L
H
High-Z
Write
L
L
High-Z
Write
L
H
Din
Deselect
L
X
High-Z
Sleep
H
X
High-Z
WRITE TRUTH TABLE
Operation
GW
BWE
BW8
BW7
BW6
BW5
BW4
BW3
BW2
BW1
Read
H
H
X
X
XXX
XX
X
Read
H
L
H
H
HHH
HH
H
Write all bytes
H
L
L
L
L
L
L
L
L
L
Write all bytes
L
X
X
X
X
X
X
X
X
X
Write Byte 1
H
L
H
H
H
H
H
H
H
L
Write Byte 2
H
L
H
H
H
H
H
H
L
H
Write Byte 3
H
L
H
H
H
H
H
L
H
H
Write Byte 4
H
L
H
H
H
H
L
H
H
H
Write Byte 5
H
L
H
H
H
L
H
H
H
H
Write Byte 6
H
L
H
H
L
H
H
H
H
H
Write Byte 7
H
L
H
L
H
H
H
H
H
H
Write Byte 8
H
L
L
H
H
H
H
H
H
H
INTERLEAVED BURST ADDRESS TABLE (MODE = VCC or No Connect)
External Address
1st Burst Address
2nd Burst Address
3rd Burst Address
A1 A0
A1 A0
A1 A0
A1 A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00


Similar Part No. - IS61SP6464

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
More results

Similar Description - IS61SP6464

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
   3.3V 64K x 18 Synchronous QuadPort??Static RAM
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
   64K x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com