Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS61SP6464 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61SP6464
Description  64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SP6464 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61SP6464 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IS61SP6464
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. A
04/17/01
PIN CONFIGURATION
128-Pin TQFP
VCCQ
I/O32
I/O31
I/O30
I/O29
I/O28
I/O27
I/O26
I/O25
I/O24
I/O23
I/O22
GNDQ
VCCQ
I/O21
I/O20
I/O19
I/O18
I/O17
I/O16
I/O15
I/O14
I/O13
I/O12
GNDQ
VCCQ
I/O11
I/O10
I/O9
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
GNDQ
GNDQ
I/O33
I/O34
I/O35
I/O36
I/O37
I/O38
I/O39
I/O40
I/O41
I/O42
I/O43
VCCQ
GNDQ
I/O44
I/O45
I/O46
I/O47
I/O48
I/O49
I/O50
I/O51
I/O52
I/O53
VCCQ
GNDQ
I/O54
I/O55
I/O56
I/O57
I/O58
I/O59
I/O60
I/O61
I/O62
I/O63
I/O64
VCCQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
PIN DESCRIPTIONS
A0-A15
Address Inputs
CLK
Clock
ADSP
Processor Address Status
ADSC
Controller Address Status
ADV
Burst Address Advance
BW1-BW8
Synchronous Byte Write Enable
BWE
Byte Write Enable
GW
Global Write Enable
CE, CE2, CE2,
Synchronous Chip Enable
CE3,
CE3
OE
Output Enable
I/O1-I/O64
Data Input/Output
ZZ
Sleep Mode
MODE
Burst Sequence Mode
VCC
+3.3V Power Supply
GND
Ground
VCCQ
Isolated Output Buffer Supply:
+3.3V
NC
No Connect
GNDQ
Isolated Output Buffer Ground


Similar Part No. - IS61SP6464

ManufacturerPart #DatasheetDescription
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
More results

Similar Description - IS61SP6464

ManufacturerPart #DatasheetDescription
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
   64K x 1 Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com