Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SETL7.62EE Datasheet(PDF) 3 Page - ITT Industries

Part # SETL7.62EE
Description  DIGITAST Microminiature SPDT, Key Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SETL7.62EE Datasheet(HTML) 3 Page - ITT Industries

  SETL7.62EE Datasheet HTML 1Page - ITT Industries SETL7.62EE Datasheet HTML 2Page - ITT Industries SETL7.62EE Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.ittcannon.com
E–28
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E
OPTION
CODE
MATERIAL
AU
Gold
OPTION
CODE
COLOR
SCHEMATIC
OA
Momentary
EE
Push-Push
[0.6]
[0.2]
[0.1]
[0.4]
[0.2]
+
+
[0.6]
[0.2]
[0.1]
5,08
2,54
15,24
ø 1.0±0.1 (0.0394±0.00349)
ø 1.1±0.05 (0.0433±0.00197)
[0.6]
[0.2]
[0.1]
[0.4]
[0.2]
+
+
10,16
5,08
5,08
2,54
15,24
15,24
2,54
5,08
5,08
10,16
[0.6]
[0.2]
[0.1]
[0.4]
[0.2]
+
15,24
2,54
5,08
5,08
10,16
FUNCTION
0
01
2
0
01
2
CONTACT MATERIAL
BK BLACK
GY GRAY
Other button colors available by request [red (RD), green (GN), white (WH), yellow (YE) , blue (BU) , orange (OG)].
LED COLOR
OPTION
CODE
COLOR
NONE
Models without LED
RD
Red
GN
Green
YE
Yellow
BUTTON COLOR
DIGITAST
Microminiature SPDT, Key Switches
NONE NO LED
L 1 LEDs
2L 2 LEDs
7.62 mm Spacing (TYP No. America)
NARROW SPACING (TYP EUROPE)
TOP VIEW OF PCB
LED
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.


Similar Part No. - SETL7.62EE

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SET MERITEK-SET Datasheet
711Kb / 4P
   Load Life : 125C 2000 hours
logo
Conquer Electronics Co....
SET CONQUER-SET Datasheet
166Kb / 1P
   6.1 x 2.6 x 2.6 mm (2410)
logo
Micro Electronics
SET-0901 MICRO-ELECTRONICS-SET-0901 Datasheet
568Kb / 3P
   SMD MODEM TRANSFORMER
SET-0902 MICRO-ELECTRONICS-SET-0902 Datasheet
568Kb / 3P
   SMD MODEM TRANSFORMER
logo
StarHope
SET-SPE06R SPSEMI-SET-SPE06R Datasheet
120Kb / 4P
   Surge & ESD Protection Device SPE06R Series
More results

Similar Description - SETL7.62EE

ManufacturerPart #DatasheetDescription
logo
C&K Components
SRKLBKEE CK-COMPONENTS-SRKLBKEE Datasheet
203Kb / 3P
   Microminiature SPDT, Key Switches
DIGITAST CK-COMPONENTS-DIGITAST Datasheet
311Kb / 3P
   Microminiature SPDT, Key Switches
logo
List of Unclassifed Man...
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
   Microminiature Slide Switches
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
   Microminiature Pushbutton Switches
2018
logo
List of Unclassifed Man...
MJS12 ETC2-MJS12 Datasheet
130Kb / 2P
   Microminiature Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
   Microminiature Slide Switches
logo
C&K Components
8600 CK-COMPONENTS-8600 Datasheet
183Kb / 3P
   Microminiature Pushbutton Switches
logo
ITT Industries
8600 ITT-8600 Datasheet
194Kb / 3P
   Microminiature Pushbutton Switches
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com