Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC16LV5X Datasheet(PDF) 14 Page - Microchip Technology

Part No. PIC16LV5X
Description  EPROM-Based 8-Bit CMOS Microcontroller Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LV5X Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16LV5X Datasheet HTML 10Page - Microchip Technology PIC16LV5X Datasheet HTML 11Page - Microchip Technology PIC16LV5X Datasheet HTML 12Page - Microchip Technology PIC16LV5X Datasheet HTML 13Page - Microchip Technology PIC16LV5X Datasheet HTML 14Page - Microchip Technology PIC16LV5X Datasheet HTML 15Page - Microchip Technology PIC16LV5X Datasheet HTML 16Page - Microchip Technology PIC16LV5X Datasheet HTML 17Page - Microchip Technology PIC16LV5X Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Enhanced PIC16LV5X
DS40121A-page 14
Advanced Information
© 1996 Microchip Technology Inc.
FIGURE 5-3:
CLKOUT AND I/O TIMING - PIC16LV5XA
TABLE 5-2:
CLKOUT AND I/O TIMING REQUIREMENTS - PIC16LV5XA
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial),
–20
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 10.1, Section 10.2 and Section
10.3 of the Enhanced PIC16C5X data sheet (DS30236B).
Parameter
No.
Sym
Characteristic
Min
Typ
(1)
Max
Units
10
TosH2ckL
OSC1
↑ to CLKOUT↓(2)
15
30**
ns
11
TosH2ckH
OSC1
↑ to CLKOUT↑(2)
15
30**
ns
12
TckR
CLKOUT rise time
(2)
5.0
15**
ns
13
TckF
CLKOUT fall time
(2)
5.0
15**
ns
14
TckL2ioV
CLKOUT
↓ to Port out valid(2)
40**
ns
15
TioV2ckH
Port in valid before CLKOUT
(2)
0.25 TCY
+30*
ns
16
TckH2ioI
Port in hold after CLKOUT
(2)
0*
ns
17
TosH2ioV
OSC1
↑ (Q1 cycle) to Port out valid(3)
100*
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to Port input invalid (I/O in
hold time)
TBD
ns
19
TioV2osH
Port input valid to OSC1
(I/O in setup time)
TBD
ns
20
TioR
Port output rise time
(3)
10
25**
ns
21
TioF
Port output fall time
(3)
10
25**
ns
*
These parameters are characterized but not tested.
** These parameters are design targets and are not tested. No characterization data available at this time.
Note 1:
Data in the Typical (“Typ”) column is at 3.8V, 25˚C unless otherwise stated. These parameters are for design guidance
only and are not tested.
2:
Measurements are taken in RC Mode where CLKOUT output is 4 x TOSC.
3:
See Figure 5-1 for loading conditions.
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
18
15
11
12
16
Old Value
New Value
Note: All tests must be done with specified capacitive loads (see data sheet) 50 pF on I/O pins and CLKOUT.
19


Similar Part No. - PIC16LV5X

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
PIC16LV54A-02/P MICROCHIP-PIC16LV54A-02/P Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02/SO MICROCHIP-PIC16LV54A-02/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02/SS MICROCHIP-PIC16LV54A-02/SS Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02I/P MICROCHIP-PIC16LV54A-02I/P Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02I/SO MICROCHIP-PIC16LV54A-02I/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
More results

Similar Description - PIC16LV5X

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C5X MICROCHIP-PIC16C5X_02 Datasheet
2Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
2002
PIC16C5X MICROCHIP-PIC16C5X Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C56-XTI-P MICROCHIP-PIC16C56-XTI-P Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz