Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC16LV5X Datasheet(PDF) 13 Page - Microchip Technology

Part No. PIC16LV5X
Description  EPROM-Based 8-Bit CMOS Microcontroller Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LV5X Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16LV5X Datasheet HTML 9Page - Microchip Technology PIC16LV5X Datasheet HTML 10Page - Microchip Technology PIC16LV5X Datasheet HTML 11Page - Microchip Technology PIC16LV5X Datasheet HTML 12Page - Microchip Technology PIC16LV5X Datasheet HTML 13Page - Microchip Technology PIC16LV5X Datasheet HTML 14Page - Microchip Technology PIC16LV5X Datasheet HTML 15Page - Microchip Technology PIC16LV5X Datasheet HTML 16Page - Microchip Technology PIC16LV5X Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© 1996 Microchip Technology Inc.
Advanced Information
DS40121A-page 13
Enhanced PIC16LV5X
5.4
Timing Diagrams and Specifications
FIGURE 5-2:
EXTERNAL CLOCK TIMING - PIC16LV5XA
TABLE 5-1:
EXTERNAL CLOCK TIMING REQUIREMENTS - PIC16LV5XA
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial),
–20
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 10.1, Section 10.2 and Section 10.3 of
the Enhanced PIC16C5X data sheet (DS30236B).
Parameter
No.
Sym
Characteristic
Min
Typ
(1)
Max
Units
Conditions
FOSC
External CLKIN Frequency
(2)
DC
2.0
MHz
RC osc mode
DC
2.0
MHz
XT osc mode
DC
200
kHz
LP osc mode
Oscillator Frequency
(2)
DC
2.0
MHz
RC osc mode
0.1
2.0
MHz
XT osc mode
5
200
kHz
LP osc mode
1TOSC
External CLKIN Period
(2)
500
ns
RC osc mode
500
ns
XT osc mode
5.0
µs
LP osc mode
Oscillator Period
(2)
500
ns
RC osc mode
500
10,000
ns
XT osc mode
5.0
200
µs
LP osc mode
2TCY
Instruction Cycle Time
(3)
4/FOSC
——
3
TosL, TosH Clock in (OSC1) Low or High Time
50*
ns
XT oscillator
2.0*
µs
LP oscillator
4
TosR, TosF Clock in (OSC1) Rise or Fall Time
25*
ns
XT oscillator
50*
ns
LP oscillator
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is at 3.8V, 25˚C unless otherwise stated. These parameters are for design guidance
only and are not tested.
2:
All specified values are based on characterization data for that particular oscillator type under standard operating condi-
tions with the device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
3:
Instruction cycle period (TCY) equals four times the input oscillator time base period.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2


Similar Part No. - PIC16LV5X

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
PIC16LV54A-02/P MICROCHIP-PIC16LV54A-02/P Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02/SO MICROCHIP-PIC16LV54A-02/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02/SS MICROCHIP-PIC16LV54A-02/SS Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02I/P MICROCHIP-PIC16LV54A-02I/P Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LV54A-02I/SO MICROCHIP-PIC16LV54A-02I/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
More results

Similar Description - PIC16LV5X

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C5X MICROCHIP-PIC16C5X_02 Datasheet
2Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
2002
PIC16C5X MICROCHIP-PIC16C5X Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C56-XTI-P MICROCHIP-PIC16C56-XTI-P Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz