Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC16LV5X Datasheet(PDF) 10 Page - Microchip Technology

Part No. PIC16LV5X
Description  EPROM-Based 8-Bit CMOS Microcontroller Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LV5X Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16LV5X Datasheet HTML 6Page - Microchip Technology PIC16LV5X Datasheet HTML 7Page - Microchip Technology PIC16LV5X Datasheet HTML 8Page - Microchip Technology PIC16LV5X Datasheet HTML 9Page - Microchip Technology PIC16LV5X Datasheet HTML 10Page - Microchip Technology PIC16LV5X Datasheet HTML 11Page - Microchip Technology PIC16LV5X Datasheet HTML 12Page - Microchip Technology PIC16LV5X Datasheet HTML 13Page - Microchip Technology PIC16LV5X Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Enhanced PIC16LV5X
DS40121A-page 10
Advanced Information
© 1996 Microchip Technology Inc.
5.1
DC Characteristics: PIC16LV5XA-02 (Commercial)
PIC16LV5XA-02 (Industrial)
DC Characteristics
Power Supply Pins
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial)
–20
°C ≤ TA ≤ +85°C (industrial)
Characteristic
Sym
Min
Typ(1) Max Units
Conditions
Supply Voltage
XT, RC and LP options
VDD
2.0
3.8
V
RAM Data Retention Voltage(2)
VDR
1.5*
V
Device in SLEEP mode
VDD start voltage to ensure
Power-On Reset
VPOR
VSS
V
See section on Power-On Reset for details
VDD rise rate to ensure
Power-On Reset
SVDD
0.05*
V/ms See section on Power-On Reset for details
Supply Current(3)
XT and RC(4) options
LP option, Commercial
LP option, Industrial
IDD
0.5
11
14
27
35
mA
µA
µA
FOSC = 2.0 MHz, VDD = 3.0V
FOSC = 32 kHz, VDD = 2.5V, WDT disabled
FOSC = 32 kHz, VDD = 2.5V, WDT disabled
Power Down Current(5)(6)
Commercial
Industrial
IPD
2.5
0.25
3.5
0.3
12
4.0
14
5.0
µA
µA
µA
µA
VDD = 2.5V, WDT enabled
VDD = 2.5V, WDT disabled
VDD = 2.5V, WDT enabled
VDD = 2.5V, WDT disabled
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design guid-
ance only and is not tested.
2: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
3: The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, oscillator type, bus rate, internal code execution pattern, and temperature also have an impact on
the current consumption.
a) The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tristated, pulled to
Vss, T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that
the device is in SLEEP mode.
4: Does not include current through Rext. The current through the resistor can be estimated by the
formula: IR = VDD/2Rext (mA) with Rext in k
Ω.
5: The power down current in SLEEP mode does not depend on the oscillator type. Power down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
6: The oscillator start-up time can be as much as 8 seconds for XT and LP oscillator selection, if the SLEEP
mode is entered or during initial power-up.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn