Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC16LV5X Datasheet(PDF) 1 Page - Microchip Technology

Part No. PIC16LV5X
Description  EPROM-Based 8-Bit CMOS Microcontroller Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LV5X Datasheet(HTML) 1 Page - Microchip Technology

  PIC16LV5X Datasheet HTML 1Page - Microchip Technology PIC16LV5X Datasheet HTML 2Page - Microchip Technology PIC16LV5X Datasheet HTML 3Page - Microchip Technology PIC16LV5X Datasheet HTML 4Page - Microchip Technology PIC16LV5X Datasheet HTML 5Page - Microchip Technology PIC16LV5X Datasheet HTML 6Page - Microchip Technology PIC16LV5X Datasheet HTML 7Page - Microchip Technology PIC16LV5X Datasheet HTML 8Page - Microchip Technology PIC16LV5X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 1996 Microchip Technology Inc.
Advanced Information
DS40121A-page 1
ENHANCED PIC16LV5X
Devices Included in this Data Sheet:
• PIC16LV54A
• PIC16LV58A
High-Performance RISC CPU:
• Only 33 single word instructions to learn
• All instructions are single cycle (2
µs) except for
program branches which are two-cycle
• Operating speed: DC - 2 MHz clock input
DC - 2
µs instruction cycle
• 12-bit wide instructions
• 8-bit wide data path
• Seven special function hardware registers
• Two-level deep hardware stack
• Direct, indirect and relative addressing modes for
data and instructions
Peripheral Features:
• 8-bit real time clock/counter (TMR0) with 8-bit
programmable prescaler
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code-protection
• Power saving SLEEP mode
• Selectable oscillator options:
- RC:
Low-cost RC oscillator
- XT:
Standard crystal/resonator
- LP:
Power saving, low frequency crystal
Device
Pins
I/O
EPROM
RAM
PIC16LV54A
18
12
512
25
PIC16LV58A
18
12
2K
73
CMOS Technology:
• Low-power, high-speed CMOS EPROM
technology
• Fully static design
• Wide-operating voltage range:
- EPROM Commercial/Industrial 2.0V to 3.8V
• Low-power consumption
- < 1 mA typical @ 3V, 2 MHz
- 10
µA typical @ 2V, 32 kHz
- < 0.6
µA typical standby current (with WDT
disabled) @ 3V, 0
°C to 70°C
EPROM-Based 8-Bit CMOS Microcontroller Series
Pin Configurations
PDIP, SOIC, Windowed CERDIP
18
17
16
15
14
13
12
11
10
• 1
2
3
4
5
6
7
8
9
RA2
RA3
T0CKI
MCLR/VPP
VSS
RB0
RB1
RB2
RB3
RA1
RA0
OSC1/CLKIN
OSC2/CLKOUT
VDD
RB7
RB6
RB5
RB4
RA1
RA0
OSC1/CLKIN
OSC2/CLKOUT
VDD
VDD
RB7
RB6
RB5
RB4
RA2
RA3
T0CKI
MCLR/VPP
VSS
VSS
RB0
RB1
RB2
RB3
•1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SSOP
This document was created with FrameMaker404


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn