Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2882 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADN2882
Description  4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2882 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2882 Datasheet HTML 2Page - Analog Devices ADN2882 Datasheet HTML 3Page - Analog Devices ADN2882 Datasheet HTML 4Page - Analog Devices ADN2882 Datasheet HTML 5Page - Analog Devices ADN2882 Datasheet HTML 6Page - Analog Devices ADN2882 Datasheet HTML 7Page - Analog Devices ADN2882 Datasheet HTML 8Page - Analog Devices ADN2882 Datasheet HTML 9Page - Analog Devices ADN2882 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADN2882
Preliminary Technical Data
Rev. PrD Nov. 04 2004 | Page 6 of 10
PAD LAYOUT
Figure 2.. Pad Layout
PAD COORDINATES
Table 4.
PAD #
PAD
X (um)
Y (um)
1
GND
−500
260
2
IN
−500
130
3
TEST
−500
10
4
FILTER
−500
−120
5
FILTER
−500
−260
6
GND
−350
−260
7
RSSI
−200
−260
8
CAP
−50
−260
9
GND
130
−260
10
GND
500
−260
11
OUTB
350
−60
12
OUT
350
60
13
GND
500
260
14
GND
130
260
15
VCCFILTER
−50
260
16
VCC
−200
260
17
VCC
−350
260
DIE INFORMATION
Die Size
0.7mm × 1.2mm
(edge-edge including 1mil scribe)
Die Thickness
10mils = 0.25mm
Passivation Openings
0.075 mm × 0.075 mm
(pads 1-8, 9, 10, 13, 15, 16, 17)
0.144mm × 0.075mm
(pads 9, 11, 12, 14)
Passivation Composition
5000Å Si3N4 (top)
+5000 Å SiO2 (bot)
Pad Composition
Al/1%Cu
Backside Contact
B
FI LT ER
RSSI


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FAN4113 1.2V 36MHz Low Power Rail-to-Rail Amplifier 1  2  3  4  5  More Fairchild Semiconductor
NE13700 LOW NOISE KU-BAND GAAS MESFET 1  2  3  4  5  NEC
AS4LC4M4883C 4 MEG x 4 DRAM 3.3V EDO PAGE MODE 1  2  3  4  5  More Austin Semiconductor
IDTQS3VH251 QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH 1  2  3  4  5  More Integrated Device Technology
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
P1935 Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz 1  2  3  4  5  PREMIER DEVICES, INC.
AD8153 Single Buffered Switch 3.2 Gbps 1  2  3  4  5  More Analog Devices
ADT6501 Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 1  2  3  4  5  More Analog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn