Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJP75N75 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part No. PJP75N75
Description  75V N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJP75N75 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJP75N75 Datasheet HTML 1Page - Pan Jit International Inc. PJP75N75 Datasheet HTML 2Page - Pan Jit International Inc. PJP75N75 Datasheet HTML 3Page - Pan Jit International Inc. PJP75N75 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-JUN.27.2006
PJP75N75
Fig. 1-TYPICAL FORWARD CHARACTERISTIC
FIG.1- Output Characteristic
Typical Characteristics Curves (T =25 C,unless otherwise noted)
A
O
FIG.2- Transfer Characteristic
FIG.3- On Resistance vs Drain Current
FIG.4- On Resistance vs Gate to Source Voltage
FIG.5- On Resistance vs Junction Temperature
0
20
40
60
80
100
012345
VDS - Drain-to-Source Voltage (V)
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
6.0V
10V
0
20
40
60
80
100
11.5
22.5
33.5
44.5
5
VGS - Gate-to-Source Voltage (V)
T =125 C
J
O
T =25 C
J
O
T =-55 C
J
O
V =10V
DS
V =10V
DS
V =10V
DS
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
TJ - Junction Tem perature (
oC)
V =10V
I =30A
GS
D
0
5
10
15
20
25
30
0
2040
6080
100
ID - Drain Current (A)
V =10V
GS
V =4.5V
GS
0
10
20
30
40
50
24
68
10
VGS - Gate-to-Source Voltage (V)
ID =30A
T =125 C
J
O
T =25 C
J
O


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AS4LC4M4883C 4 MEG x 4 DRAM 3.3V EDO PAGE MODE 1  2  3  4  5  More Austin Semiconductor
MRF7S19100NR1 RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn