Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2048CA Datasheet(PDF) 3 Page - OKI electronic componets

Part No. OPA2048CA
Description  Self-Scanning Line Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

OPA2048CA Datasheet(HTML) 3 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
IMAGE SENSORS
OPA2048CA
ELECTRICAL AND OPTICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
(Ambient Temperature Ta=25°C)
Reset Drain Voltage
V
Max.
12.6
Typ.
Guaranteed Value
12
Min.
11.4
Symbol
VOD
Output Transistor Drain Voltage
V
12.6
12
11.4
VRD
VDD
Output Gate Voltage
V
5.25
5
4.75
VOG
Photo Gate Voltage
V
5.25
5
4.75
VPG
Substrate Bias
V
–2.5
–2
–1.5
VSS
Electrical Input Diode Voltage (TP2, 4)V
12.6
12
11.4
VIS
Electrical Input Gate Voltage (TP1, 3)V
0.2
0
–0.1
VIG
"H"
V
VDD
VDD
7
Vf H
V
0.8
0.4
–0.3
V
VDD
VDD
7
V
0.8
0.4
–0.3
VfTL
V
VDD
VDD
7
VfRH
V
0.8
0.4
–0.3
VfRL
kW
1.5
1
0.9
RL
CCD register
pF
520
400
300
Phototransfer
pF
50
25
10
Reset
pF
8
4
2
Output DC Level
V
8.5
4.0
Vdc
Power Consumption *2
mW
100
70
50
PD
"L"
"H"
"L"
"H"
"L"
Load Resistance
1, 2
AB
Vf L
1, 2
AB
VfTH
Cf
1, 2
AB
CfT
CfR
Spectral Sensitivity Range
nm
1000
400
lR
Reset Clock Pulse Frequency (Video Frequency)
MHz
*1 3
1
0.25
ffR(fv)
*1 When load capacitance CL=31 pF
*2 When load resistance RL=1 kW
CCD register
Phototransfer
Reset
Parameter
Unit
Max.
Min.
Symbol
Storage Temperature
°C
+125
–40
Tstg
Operating Temperature
°C
+85
–20
Topr
Clock Voltage
V
+18
–0.3
Vf
Applied Voltage
V
+18
–0.3
VDD
Test Condition
Ta=25°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn