Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX7325 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX7325
Description  I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7325 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7325 Datasheet HTML 1Page - Maxim Integrated Products MAX7325 Datasheet HTML 2Page - Maxim Integrated Products MAX7325 Datasheet HTML 3Page - Maxim Integrated Products MAX7325 Datasheet HTML 4Page - Maxim Integrated Products MAX7325 Datasheet HTML 5Page - Maxim Integrated Products MAX7325 Datasheet HTML 6Page - Maxim Integrated Products MAX7325 Datasheet HTML 7Page - Maxim Integrated Products MAX7325 Datasheet HTML 8Page - Maxim Integrated Products MAX7325 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Detailed Description
MAX7319–MAX7329 Family Comparison
The MAX7324–MAX7327 family consists of four pin-
compatible, 16-port expanders that integrate the func-
tions of the MAX7320 and one of either MAX7319,
MAX7321, MAX7322, or MAX7323.
Functional Overview
The MAX7325 is a general-purpose port expander oper-
ating from a +1.71V to +5.5V supply with eight push-pull
outputs and eight open-drain I/O ports. Each open-drain
output is rated to sink 20mA, and the entire device is
rated to sink 100mA into all ports combined. The outputs
drive loads connected to supplies up to +5.5V.
The MAX7325 is set to two of 32 I2C slave addresses
(see Tables 2 and 3) using the address select inputs
AD0 and AD2, and is accessed over an I2C serial inter-
face up to 400kHz. The eight outputs and eight I/Os
have different slave addresses. The eight push-pull out-
puts have the 101xxxx addresses and the eight inputs
have addresses with 110xxxx. The RST input clears the
serial interface in case of a bus lockup, terminating any
serial transaction to or from the MAX7325.
Configure any port as a logic input by setting the port
output logic-high (logic-high for an open-drain output is
high impedance). When the MAX7325 is read through
the serial interface, the actual logic levels at the ports
are read back.
I2C Port Expander with 8 Push-Pull
and 8 Open-Drain I/Os
_______________________________________________________________________________________
5
PART
I2C
SLAVE
ADDRESS
INPUTS
INPUT
INTERRUPT
MASK
OPEN-
DRAIN
OUTPUTS
PUSH-
PULL
OUTPUTS
CONFIGURATION
16-PORT EXPANDERS
MAX7324
8
Yes
8
8 input and 8 push-pull output versions:
8 input ports with programmable latching transition
detection interrupt and selectable pullups.
8 push-pull outputs with selectable default logic
levels.
Offers maximum versatility for automatic input
monitoring. An interrupt mask selects which inputs
cause an interrupt on transitions, and transition flags
identify which inputs have changed (even if only
for a transient) since the ports were last read.
MAX7325
101xxxx
and
110xxxx
Up to 8
Up to 8
8
8 I/O and 8 push-pull output versions:
8 open-drain I/O ports with latching transition
detection interrupt and selectable pullups.
8 push-pull outputs with selectable default logic
levels.
Open-drain outputs can level shift the logic-high
state to a higher or lower voltage than V+ using
external pullup resistors, but pullups draw current
when output is low. Any open-drain port can be used
as an input by setting the open-drain output to logic-
high. Transition flags identify which open-drain port
inputs have changed (even if only for a transient)
since the ports were last read.
Table 1. MAX7319–MAX7329 Family Comparison


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
VSC7121 Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays 1  2  3  4  5  More Vitesse Semiconductor Corporation
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
IDT821034 QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1  2  3  4  5  More Integrated Device Technology
AD8197 4:1 HDMI/DVI Switch with Equalization 1  2  3  4  5  More Analog Devices
ADA4412-3 Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1  2  3  4  5  More Analog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn