Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX7325 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX7325
Description  I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7325 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7325 Datasheet HTML 1Page - Maxim Integrated Products MAX7325 Datasheet HTML 2Page - Maxim Integrated Products MAX7325 Datasheet HTML 3Page - Maxim Integrated Products MAX7325 Datasheet HTML 4Page - Maxim Integrated Products MAX7325 Datasheet HTML 5Page - Maxim Integrated Products MAX7325 Datasheet HTML 6Page - Maxim Integrated Products MAX7325 Datasheet HTML 7Page - Maxim Integrated Products MAX7325 Datasheet HTML 8Page - Maxim Integrated Products MAX7325 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
I2C Port Expander with 8 Push-Pull
and 8 Open-Drain I/Os
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
Supply Voltage V+....................................................-0.3V to +6V
SCL, SDA, AD0, AD2, RST, INT, P0–P7 ...................-0.3V to +6V
O8–O15 ........................................................-0.3V to (V+ + 0.3V)
O8–O15 Output Current ...................................................±25mA
P0–P7 Sink Current ......................................................................25mA
SDA Sink Current ........................................................................ 10mA
INT Sink Current..................................................................10mA
Total V+ Current..................................................................50mA
Total GND Current ...........................................................100mA
Continuous Power Dissipation (TA = +70°C)
24-Pin QSOP (derate 9.5mW/°C over +70°C)...........761.9mW
24-Pin TQFN (derate 20.8mW/°C over+70°C) ........1666.7mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(V+ = +1.71V to +5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at V+ = +3.3V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
TA = -40°C to +125°C
1.71
5.50
V
Power-On-Reset Voltage
VPOR
V+ falling
1.6
V
Standby Current
(Interface Idle)
ISTB
SCL and SDA and other
digital inputs at V+
TA = -40°C to
+125°C
0.6
1.9
µA
Supply Current
(Interface Running)
I+
fSCL = 400kHz; other
digital inputs at V+
TA = -40°C to
+125°C
23
55
µA
V+ < 1.8V
0.8 x V+
Input High-Voltage
SDA, SCL, AD0, AD2, RST, P0–P7
VIH
V+
≥ 1.8V
0.7 x V+
V
V+ < 1.8V
0.2 x V+
Input Low-Voltage
SDA, SCL, AD0, AD2, RST, P0–P7
VIL
V+
≥ 1.8V
0.3 x V+
V
Input Leakage Current
SDA, SCL, AD0, AD2, RST, P0–P7
IIH, IIL
SDA, SCL, AD0, AD2, RST, P0–P7 at V+ or
GND, internal pullup disabled
-0.2
+0.2
µA
Input Capacitance
SDA, SCL, AD0, AD2, RST, P0–P7
10
pF
V+ = +1.71V, ISINK = 5mA (QSOP)
90
180
V+ = +1.71V, ISINK = 5mA (TQFN)
90
230
V+ = +2.5V, ISINK = 10mA (QSOP)
110
210
V+ = +2.5V, ISINK = 10mA (TQFN)
110
260
V+ = +3.3V, ISINK = 15mA (QSOP)
130
230
V+ = +3.3V, ISINK = 15mA (TQFN)
130
280
V+ = +5V, ISINK = 20mA (QSOP)
140
250
Output Low Voltage
O8–O15, P0–P7
VOL
V+ = +5V, ISINK = 20mA (TQFN)
140
300
mV
V+ = +1.71V, ISOURCE = 2mA
V+ - 250
V+ - 30
V+ = +2.5V, ISOURCE = 5mA
V+ - 360
V+ - 70
V+ = +3.3V, ISOURCE = 5mA
V+ - 260 V+ - 100
Output High Voltage
O8–O15
VOH
V+ = +5V, ISOURCE = 10mA
V+ - 360 V+ - 120
mV
Output Low-Voltage SDA
VOLSDA
ISINK = 6mA
250
mV
Output Low-Voltage INT
VOLINT
ISINK = 5mA
130
250
mV
Port Input Pullup Resistor
RPU
25
40
55
k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
VSC7121 Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays 1  2  3  4  5  More Vitesse Semiconductor Corporation
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
IDT821034 QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1  2  3  4  5  More Integrated Device Technology
AD8197 4:1 HDMI/DVI Switch with Equalization 1  2  3  4  5  More Analog Devices
ADA4412-3 Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1  2  3  4  5  More Analog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn