Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7325 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7325
Description  I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7325 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX7325 Datasheet HTML 3Page - Maxim Integrated Products MAX7325 Datasheet HTML 4Page - Maxim Integrated Products MAX7325 Datasheet HTML 5Page - Maxim Integrated Products MAX7325 Datasheet HTML 6Page - Maxim Integrated Products MAX7325 Datasheet HTML 7Page - Maxim Integrated Products MAX7325 Datasheet HTML 8Page - Maxim Integrated Products MAX7325 Datasheet HTML 9Page - Maxim Integrated Products MAX7325 Datasheet HTML 10Page - Maxim Integrated Products MAX7325 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
I2C Port Expander with 8 Push-Pull
and 8 Open-Drain I/Os
_______________________________________________________________________________________
7
The open-drain ports offer latching transition detection
when used as inputs. All input ports are continuously
monitored for changes. An input change sets one of 8
flag bits that identify changed input(s). All flags are
cleared upon a subsequent read or write transaction to
the MAX7325.
A latching interrupt output, INT, is programmed to flag
logic changes on ports used as inputs. Data changes
on any input port forces INT to a logic-low. Changing
the I/O port level through the serial interface does not
cause an interrupt. The interrupt output INT is deassert-
ed when the MAX7325 is next accessed through the
serial interface.
Internal pullup resistors to V+ are selected by the
address select inputs, AD0 and AD2. Pullups are
enabled on the input ports in groups of four (see Table 2).
Use the slave address selection to ensure that I/O ports
used as inputs are logic-high on power-up. I/O ports
with internal pullups enabled default to a logic-high out-
put state. I/O ports with internal pullups disabled
default to a logic-low output state.
Output port power-up logic levels are selected by the
address select inputs, AD0 and AD2. Ports default to
logic-high or logic-low on power-up in groups of four
(see Tables 2 and 3).
Initial Power-Up
On power-up, the transition detection logic is reset, and
INT is deasserted. The transition flags are cleared to indi-
cate no data changes. The power-up default states of the
16 I/O ports are set according to the I2C slave address
selection inputs, AD0 and AD2 (Tables 2 and 3). For I/O
ports used as inputs, ensure that the default states are
logic-high so that the I/O ports power up in the high-
impedance state. All I/O ports configured with pullups
enabled also have a logic-high power-up state.
Power-On Reset
The MAX7325 contains an integral power-on-reset
(POR) circuit that ensures all registers are reset to a
known state on power-up. When V+ rises above VPOR
(1.6V max), the POR circuit releases the registers and
2-wire interface for normal operation. When V+ drops to
less than VPOR, the MAX7325 resets all register con-
tents to the POR defaults (Tables 2 and 3).
RST Input
The active-low RST input voids any I2C transaction
involving the MAX7325, forcing the MAX7325 into the
I2C STOP condition. A reset does not affect the inter-
rupt output (INT).
Standby Mode
When the serial interface is idle, the MAX7325 automatical-
ly enters standby mode, drawing minimal supply current.
Slave Address, Power-Up Default Logic
Levels, and Input Pullup Selection
Address inputs AD0 and AD2 determine the MAX7325
slave address, set the power-up I/O state for the ports,
and select which inputs have pullup resistors. Internal
pullups and power-up default states are set in groups
of four (see Table 2).
The MAX7325 slave address is determined on each I2C
transmission, regardless of whether the transmission is
actually addressing the MAX7325. The MAX7325 distin-
guishes whether address inputs AD0 and AD2 are con-
nected to SDA or SCL instead of fixed logic levels V+
or GND during this transmission. The MAX7325 slave
address can be configured dynamically in the applica-
tion without cycling the device supply.
On initial power-up, the MAX7325 cannot decode the
address inputs AD0 and AD2 fully until the first I2C
transmission. AD0 and AD2 initially appear to be
PART
I2C
SLAVE
ADDRESS
INPUTS
INPUT
INTERRUPT
MASK
OPEN-
DRAIN
OUTPUTS
PUSH-
PULL
OUTPUTS
CONFIGURATION
MAX7323
110xxxx
Up to 4
Up to 4
4
4 I/O, 4 output-only versions:
4 open-drain I/O ports with latching transition
detection interrupt and selectable pullups.
4 push-pull outputs with selectable power-up default
levels.
MAX7328
MAX7329
0100xxx
0111xxx
Up to 8
Up to 8
8 open-drain I/O ports with nonlatching transition
detection interrupt and pullups on all ports.
Table 1. MAX7319–MAX7329 Family Comparison (continued)


Similar Part No. - MAX7325

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7325 MAXIM-MAX7325 Datasheet
261Kb / 20P
   I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 0; 10/06
MAX7325 MAXIM-MAX7325 Datasheet
155Kb / 8P
   Input Ports are Overvoltage Protected to 6V
Rev 0; 11/07
MAX7325 MAXIM-MAX7325 Datasheet
1,008Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
MAX7325 MAXIM-MAX7325 Datasheet
971Kb / 17P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
MAX7325AEG++ MAXIM-MAX7325AEG+ Datasheet
193Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
More results

Similar Description - MAX7325

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7325 MAXIM-MAX7325_V01 Datasheet
1,008Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
MAX7325 MAXIM-MAX7325_12 Datasheet
217Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7325 MAXIM-MAX7325_14 Datasheet
193Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7323 MAXIM-MAX7323 Datasheet
213Kb / 17P
   I2C Port Expander with 4 Push-Pull Outputs
Rev 1; 7/07
logo
Microchip Technology
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
   8-Bit I/O Expander with Open-Drain Outputs
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com