Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADA4412-3 Datasheet(PDF) 12 Page - Analog Devices

Part No. ADA4412-3
Description  Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADA4412-3 Datasheet(HTML) 12 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADA4412-3
Rev. 0 | Page 12 of 16
Y/G
3
Pb/B
5
Pr/R
7
5V
(ANALOG)
LEVEL1
LEVEL2
VCC
13
1
20
DISABLE
2
F_SEL_A
8
F_SEL_B
9
CUTOFF
FREQUENCY
SELECT
INPUT
GND
4, 6, 10
VEE
15, 17
18
Y/G_OUT
16
Pb/B_OUT
14
Pr/R_OUT
0.1
μF
19
VCC
ADA4412-3
DGND
11
ADV7322
VIDEO ENCODER
VIDEO
DAC
OUTPUTS
RL
RL
RL
0.1
μF
0.1
μF
0.1
μF
10k
Ω
DNP
0
Ω
634
Ω
75
Ω 220μF
75
Ω 220μF
75
Ω 220μF
Figure 20. The ADA4412-3 Applied as a Single-Supply Reconstruction Filter Following the ADV7322


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
VSC7121Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays 1 2 3 4 5 MoreVitesse Semiconductor Corporation
IDT821034QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1 2 3 4 5 MoreIntegrated Device Technology
AD81974:1 HDMI/DVI Switch with Equalization 1 2 3 4 5 MoreAnalog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn