Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADA4412-3 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADA4412-3
Description  Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADA4412-3 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADA4412-3
Rev. 0 | Page 4 of 16
VS = ±5 V, @ TA = 25°C, VO = 1.4 V p-p, RL = 150 Ω, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL PERFORMANCE
Offset Error
Input referred, all channels
10
25
mV
Offset Adjust Range
Input referred
±500
mV
Input Voltage Range, All Inputs
VS− − 0.1
VS+ − 2.0
V
Output Voltage Swing, All Outputs
Positive swing
VS+ − 0.33
VS+ − 0.24
V
Negative swing
VS− + 0.24
VS− + 0.33
V
Linear Output Current per Channel
30
mA
Integrated Voltage Noise, Referred to Input
All channels
0.50
mV rms
Filter Input Bias Current
All channels
6.3
μA
Total Harmonic Distortion at 1 MHz
FC = 36 MHz, FC = 18 MHz/FC = 9 MHz
0.01/0.03
%
Gain Error Magnitude
0.04
0.50
dB
FILTER DYNAMIC PERFORMANCE
−1 dB Bandwidth
Cutoff frequency select = 36 MHz
30.0
MHz
Cutoff frequency select = 18 MHz
15.5
MHz
Cutoff frequency select = 9 MHz
8.0
MHz
−3 dB Bandwidth
Cutoff frequency select = 36 MHz
34
36
MHz
Cutoff frequency select = 18 MHz
17
19
MHz
Cutoff frequency select = 9 MHz
8
9
MHz
Out-of-Band Rejection
f = 75 MHz
−31
−42
dB
Crosstalk
f = 5 MHz, FC = 36 MHz
−62
dB
Propagation Delay
f = 5 MHz, FC = 36 MHz
19
ns
Group Delay Variation
Cutoff frequency select = 36 MHz
7
ns
Cutoff frequency select = 18 MHz
12
ns
Cutoff frequency select = 9 MHz
24
ns
Differential Gain
NTSC, FC = 9 MHz
0.04
%
Differential Phase
NTSC, FC = 9 MHz
0.16
Degrees
CUTOFF CONTROL INPUT PERFORMANCE
Input Logic 0 Voltage
0.8
V
Input Logic 1 Voltage
2.0
V
Input Bias Current
10
15
μA
DISABLE PERFORMANCE
DISABLE Assert Voltage
VS+ − 0.5
V
DISABLE Assert Time
75
ns
DISABLE Deassert Time
125
ns
DISABLE Input Bias Current
35
μA
Input-to-Output Isolation—Disabled
f = 10 MHz
90
dB
POWER SUPPLY
Operating Range
4.5
12
V
Quiescent Current
57
60
mA
Quiescent Current—Disabled
10
150
μA
PSRR, Positive Supply
All channels
66
74
dB
PSRR, Negative Supply
All channels
59
62
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
VSC7121Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays 1 2 3 4 5 MoreVitesse Semiconductor Corporation
IDT821034QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1 2 3 4 5 MoreIntegrated Device Technology
AD81974:1 HDMI/DVI Switch with Equalization 1 2 3 4 5 MoreAnalog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn