Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8197 Datasheet(PDF) 10 Page - Analog Devices

Part No. AD8197
Description  4:1 HDMI/DVI Switch with Equalization
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8197 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8197 Datasheet HTML 6Page - Analog Devices AD8197 Datasheet HTML 7Page - Analog Devices AD8197 Datasheet HTML 8Page - Analog Devices AD8197 Datasheet HTML 9Page - Analog Devices AD8197 Datasheet HTML 10Page - Analog Devices AD8197 Datasheet HTML 11Page - Analog Devices AD8197 Datasheet HTML 12Page - Analog Devices AD8197 Datasheet HTML 13Page - Analog Devices AD8197 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD8197
Preliminary Technical Data
PrA| Page 10 of 32
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input
swing = 1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, pattern = PRBS 27 − 1, data rate = 2.25 Gbps, unless
otherwise noted.
Figure 9. Test Circuit Diagram for TX Eye Diagrams
Figure 10. TX Eye Diagram at TP2, PE = 2 dB
Figure 11. TX Eye Diagram at TP2, PE = 6 dB
Figure 12. TX Eye Diagram at TP3, PE = 2 dB (Cable = 2 meters, 30 AWG)
Figure 13. TX Diagram at TP3, PE = 6 dB (Cable = 10 meters, 28 AWG)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AD8153 Single Buffered Switch 3.2 Gbps 1  2  3  4  5  More Analog Devices
PE42612 SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz 1  2  3  4  Peregrine Semiconductor Corp.
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
IDT821034 QUAD PCM CODEC WITH PROGRAMMABLE GAIN 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn