Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI2140DG-22H Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part No. PI2140DG-22H
Description  HIGH POWER DROP-IN ISOL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

PI2140DG-22H Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  PI2140DG-22H Datasheet HTML 1Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1860 Hartog Drive, San Jose, California 95131 USA
Tel: 001-408-436-7720
Fax: 001-408-436-7689
Email: Sales@premierdevices.com
Leffelholzstr. 20, D-90441, Nurnberg, Germany
Tel: +49(0)911/9411 233
Fax: +49(0)911/9411 198
Email: Sales.germany@premierdevices.com
2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100
Tel: (86)21-5416-8648
Fax: (86)21-5416-8753
Email: Sales.china@premierdevices.com
PI2140DG-22H
Features
HIGH POWER DROP-IN ISOLATOR
Low Cost and RoHS Compliant
Industry Standard 1 Inch Drop-in package
Designed for Wireless Telecom Systems
50 Ohms Characteristic Impedance
Description
The PI2140DG-22H is a small, low cost, High Power Drop-in
Isolator designed for applications in high performance linear
power amplifiers for wireless base stations. These Isolators feature
a robust construction for high reliability with excellent IMD performance.
These units are built Lead-Free and RoHS compliant.
CCW rotation and special tab offsets available on request.
S-Parameters are also available on request.
Specifications
Absolute Maximum Ratings
Note: Typical values represent Mid-band performance @ 25°C.
Schematic
Package
Pin Functions
Typical Test Data – Insertion Loss
Typical Test Data – Return Loss and Isolation
Specifications and information on this data sheet are subject to change without notice..
Parameter
Minimum
Typical
Maximum
Frequency Range (MHz)
2110
2170
Insertion Loss (dB)
.18
.25
Isolation (dB)
23
>25
Return Loss (dB)
23
>25
Parameter
Maximum
Forward Power
100 Watts
Reverse Power
100 Watts
Operating Temperature
-40 to +85 °C
Storage Temperature
-40 to +85 °C
Function
Pin
INPUT
1
OUTPUT
2
Insertion Loss
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
2050
2100
2150
2200
2250
Frequency (MHz)
dB
S21
Return Loss and Isolation
-40
-35
-30
-25
-20
2050
2100
2150
2200
2250
Frequency (MHz)
dB
S11
S22
S12


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PI1748DG-22H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI1748DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI1843DG-22H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI1843DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI1950DG-22H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PI1950DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
PC1843DG-21 DROP-IN CIRCULATOR 1  PREMIER DEVICES, INC.
PA0853DG-41 DROP-IN ISO-ATTENUATOR 1  PREMIER DEVICES, INC.
PC1843DG-21H DROP-IN CIRCULATOR 1  PREMIER DEVICES, INC.
PA0853DG-41H DROP-IN ISO-ATTENUATOR 1  PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn