Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLV2046 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLV2046
Description  UHF power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV2046 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLV2046 Datasheet HTML 1Page - NXP Semiconductors BLV2046 Datasheet HTML 2Page - NXP Semiconductors BLV2046 Datasheet HTML 3Page - NXP Semiconductors BLV2046 Datasheet HTML 4Page - NXP Semiconductors BLV2046 Datasheet HTML 5Page - NXP Semiconductors BLV2046 Datasheet HTML 6Page - NXP Semiconductors BLV2046 Datasheet HTML 7Page - NXP Semiconductors BLV2046 Datasheet HTML 8Page - NXP Semiconductors BLV2046 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Aug 22
5
Philips Semiconductors
Product specification
UHF power transistor
BLV2046
Fig.4
Power gain expansion as a function of drive
power; typical values.
VCE = 26 V; f = 1990 MHz.
(1)
ICQ = 600 mA.
(2)
ICQ = 400 mA.
(3)
ICQ = 200 mA.
(4)
ICQ = 100 mA.
handbook, halfpage
0
Gp
(dB)
PD (W)
10
2
4
6
8
MDA213
10−3
10−2
10−1
110
(2)
(3)
(4)
(1)
Fig.5
Power gain expansion as a function of load
power; typical values.
VCE =26V; f1 = 1990 MHz; f2 = 1990.1 MHz.
(1)
ICQ = 600 mA.
(2)
ICQ = 400 mA.
(3)
ICQ = 200 mA.
(4)
ICQ = 100 mA.
handbook, halfpage
10
0
PL (PEP) (W)
Gp
(dB)
0
MDA214
110
10
2
2
4
6
8
(2)
(3)
(4)
(1)
Fig.6
Intermodulation distortion as a function of
load power; typical values.
VCE =26V; f1 = 1990 MHz; f2 = 1990.1 MHz.
(1)
ICQ = 100 mA.
(2)
ICQ = 200 mA.
(3)
ICQ = 400 mA.
(4)
ICQ = 600 mA.
handbook, halfpage
0
020
60
−50
40
−40
−30
−20
−10
MDA215
d3
(dBc)
PL (PEP) (W)
(2)
(1)
(3)
(4)
Fig.7
Intermodulation distortion as a function of
load power; typical values.
VCE = 26 V; ICQ = 200 mA; f1 = 1990 MHz; f2 = 1990.1 MHz.
handbook, halfpage
0
d3
d5
0
−20
−40
−60
20
40
60
MDA216
dim
(dBc)
PL (PEP) (W)


Similar Part No. - BLV2046

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLV2042 PHILIPS-BLV2042 Datasheet
109Kb / 16P
   UHF power transistor
2000 May 08
BLV2044 PHILIPS-BLV2044 Datasheet
101Kb / 12P
   UHF power transistor
1996 Nov 14
BLV2045N PHILIPS-BLV2045N Datasheet
75Kb / 12P
   UHF power transistor
2000 Feb 21
BLV2047 PHILIPS-BLV2047 Datasheet
84Kb / 12P
   UHF power transistor
1999 Jun 09
More results

Similar Description - BLV2046

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com