Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA4D150P0605SA Datasheet(PDF) 3 Page - ITT Industries

Part # SGA4D150P0605SA
Description  ARINC 600 Rack and Panel Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SGA4D150P0605SA Datasheet(HTML) 3 Page - ITT Industries

  SGA4D150P0605SA Datasheet HTML 1Page - ITT Industries SGA4D150P0605SA Datasheet HTML 2Page - ITT Industries SGA4D150P0605SA Datasheet HTML 3Page - ITT Industries SGA4D150P0605SA Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.ittcannon.com
23
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
ARINC 600 Rack and Panel Connectors
SGA
Recommended Panel Cutout
Receptacle Shell Dimensions
.205 (5.21)
RAD. MAX
4 PLACES
.050 (1.27)
RAD. MAX.
4 PLACES
2.050 (52.07)
2.030 (51.56)
1.165
(29.59)
1.165
(29.59)
2.740 (69.60)
2.720 (69.09)
.310 (7.87)
RAD. MAX.
2 PLACES
.156 _
+ .005
(3.96) _
+ 0.13)
DIA. 4 PLACES
1.784 _
+ .010
(45.31 _
+ 0.25)
1.972 _
+ .010
(50.09 _
+ 0.25)
1.657 _
+ .010
(42.09 _
+ 0.25)
1.01 (25.65)
.99 (25.15)
.650 _
+ .010
(16.51 _
+ 0.25)
.130 (3.30)
.120 (3.05)
.125 (3.18) MAX POLARIZATION
KEY EXTENSION
.26 (6.60)
24 (6.10)
.08 (2.03) X 45 _
+ 2
2 PLACES
.106 (2.69) X 45 _
+ 2
2 PLACES
.705*
(17.91)
.705*
(17.91)
1.560 (39.62)
1.540 (39.12)
.950 (24.13)
.920 (23.37)
*.705 APPLIES FOR 00, 03, 06,
14, 15 MOUNTING MODIFICATIONS
*.650 APPLIES FOR 05, 07, 08, 09, 11,
12, & 13 MOUNTING MODIFICATIONS
*APPLIES TO INSERT RETAINING
SCREW LOCATION
.705*
(17.91)
.705*
(17.91)
.760*
(19.30)
.088 (2.24)
.068 (1.73)
.692 (17.58)
.668 (16.97)
.390 (9.91)
.360 (9.14)
.061 (1.55)
.059 (1.50)
.065 (16.51)
.055 (13.97)
1.531 (38.89)
MAX.
.040 (1.02) - .065 (1.68) X 45 ,
ALL AROUND
1.301 (33.05)
1.297 (32.94)
1.49 (37.85)
1.47 (37.34)
.089 (2.26)
.067 (1.79)
ALL AROUND
1.791 (45.49)
1.787 (45.39)
1.98 (50.29)
1.96 (49.78)
.760*
(19.30)
SCREW, FLH, #4-4OUNC-2A
4 PLACES
SCREW, FLH, #4-4OUNC-2A
4 PLACES
+
+
+
+
1.696 (43.08)
1.676 (42.57)
A1 POSITION
DESIGNATOR
2.335 (59.31)
2.325 (59.06)
.470 (11.94)
.460 (11.68)
2.860 (72.64)
2.840 (72.14)
.070 (1.78)
.050 (1.27)
RAD. 4 PLACES
.270 (6.86)
.250 (6.35)
+
+
+
+
X 45


Similar Part No. - SGA4D150P0605SA

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E05-P1J MEANWELL-SGA40E05-P1J Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E09-P1J MEANWELL-SGA40E09-P1J Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E12-P1J MEANWELL-SGA40E12-P1J Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E15-P1J MEANWELL-SGA40E15-P1J Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
More results

Similar Description - SGA4D150P0605SA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TBKA ITT-TBKA Datasheet
141Kb / 2P
   Filter; ARINC Series 600 Standard, Rack & Panel
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
BKA ITT-BKA Datasheet
866Kb / 19P
   ARINC 600
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com